Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS12C887A Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS12C887A
Description  Real-Time Clock
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS12C887A Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS12C887A Datasheet HTML 2Page - Maxim Integrated Products DS12C887A Datasheet HTML 3Page - Maxim Integrated Products DS12C887A Datasheet HTML 4Page - Maxim Integrated Products DS12C887A Datasheet HTML 5Page - Maxim Integrated Products DS12C887A Datasheet HTML 6Page - Maxim Integrated Products DS12C887A Datasheet HTML 7Page - Maxim Integrated Products DS12C887A Datasheet HTML 8Page - Maxim Integrated Products DS12C887A Datasheet HTML 9Page - Maxim Integrated Products DS12C887A Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Real-Time Clock
6
_____________________________________________________________________
POWER-UP/POWER-DOWN CHARACTERISTICS
(TA = -40°C to +85°C) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Recovery at Power-Up
tRPU
20
200
ms
VCC Fall Time; VPF(MAX) to
VPF(MIN)
tF
300
µs
VCC Rise Time; VPF(MIN) to
VPF(MAX)
tR
0µs
CAPACITANCE
(TA = +25°C) (Note 9)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Capacitance on All Input Pins
Except X1 and X2
CIN
5pF
Capacitance on IRQ, SQW, and
DQ Pins
CIO
7pF
DATA RETENTION
(TA = +25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Expected Data Retention
tDR
10
years
AC TEST CONDITIONS
PARAMETER
TEST CONDITIONS
Input Pulse Levels
0 to 3.0V
Output Load Including Scope and Jig
50pF + 1TTL Gate
Input and Output Timing Measurement Reference Levels
Input/Output: VIL maximum and VIH minimum
Input-Pulse Rise and Fall Times
5ns
WARNING: Negative undershoots below -0.3V while the part is in battery-backed mode may cause loss of data.
Note 1:
RTC modules can be successfully processed through conventional wave-soldering techniques as long as temperature
exposure to the lithium energy source contained within does not exceed +85°C. However, post-solder cleaning with water-
washing techniques is acceptable, provided that ultrasonic vibrations are not used to prevent crystal damage.
Note 2:
Limits at -40°C are guaranteed by design and not production tested.
Note 3:
All voltages are referenced to ground.
Note 4:
All outputs are open.
Note 5:
Specified with CS = DS = R/W = RESET = VCC; MOT, AS, AD0–AD7 = 0; VBACKUP open.
Note 6:
Applies to the AD0 to AD7 pins, the IRQ pin, and the SQW pin when each is in a high-impedance state.
Note 7:
The MOT pin has an internal 20k
Ω pulldown.
Note 8:
Measured with a 32.768kHz crystal attached to X1 and X2.
Note 9:
Guaranteed by design. Not production tested.
Note 10: Measured with a 50pF capacitance load.


Similar Part No. - DS12C887A

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS12C887A DALLAS-DS12C887A Datasheet
83Kb / 2P
   Real-Time Clock
logo
Maxim Integrated Produc...
DS12C887A MAXIM-DS12C887A Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
DS12C887A++ MAXIM-DS12C887A+ Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
More results

Similar Description - DS12C887A

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
   Real Time Clock
logo
Dallas Semiconductor
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
   Real time clock
logo
List of Unclassifed Man...
TC8250P ETC-TC8250P Datasheet
412Kb / 20P
   Real time clock
logo
Seiko Instruments Inc
S-3511A SII-S-3511A Datasheet
1Mb / 28P
   REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com