Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C421-25PC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C421-25PC
Description  256/512/1K/2K/4K x 9 Asynchronous FIFO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C421-25PC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C421-25PC Datasheet HTML 1Page - Cypress Semiconductor CY7C421-25PC Datasheet HTML 2Page - Cypress Semiconductor CY7C421-25PC Datasheet HTML 3Page - Cypress Semiconductor CY7C421-25PC Datasheet HTML 4Page - Cypress Semiconductor CY7C421-25PC Datasheet HTML 5Page - Cypress Semiconductor CY7C421-25PC Datasheet HTML 6Page - Cypress Semiconductor CY7C421-25PC Datasheet HTML 7Page - Cypress Semiconductor CY7C421-25PC Datasheet HTML 8Page - Cypress Semiconductor CY7C421-25PC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
CY7C419/21/25/29/33
Document #: 38-06001 Rev. *B
Page 5 of 25
Switching Characteristics Over the Operating Range[7, 8]
7C419–10
7C421–10
7C425–10
7C429–10
7C433–10
7C419–15
7C421–15
7C425–15
7C429–15
7C433–15
7C420–20
7C421–20
7C424–20
7C425–20
7C428–20
7C429–20
7C433–20
7C420–25
7C421–25
7C424–25
7C425–25
7C429–25
7C432–25
7C433–25
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
20
25
30
35
ns
tA
Access Time
10
15
20
25
ns
tRR
Read Recovery Time
10
10
10
10
ns
tPR
Read Pulse Width
10
15
20
25
ns
tLZR
[6,9]
Read LOW to Low Z
3
3
3
3
ns
tDVR
[9,10]
Data Valid After Read HIGH
5
5
5
5
ns
tHZR
[6,9,10]
Read HIGH to High Z
15
15
15
18
ns
tWC
Write Cycle Time
20
25
30
35
ns
tPW
Write Pulse Width
10
15
20
25
ns
tHWZ
[6,9]
Write HIGH to Low Z
5
5
5
5
ns
tWR
Write Recovery Time
10
10
10
10
ns
tSD
Data Set-Up Time
6
8
12
15
ns
tHD
Data Hold Time
0
0
0
0
ns
tMRSC
MR Cycle Time
20
25
30
35
ns
tPMR
MR Pulse Width
10
15
20
25
ns
tRMR
MR Recovery Time
10
10
10
10
ns
tRPW
Read HIGH to MR HIGH
10
15
20
25
ns
tWPW
Write HIGH to MR HIGH
10
15
20
25
ns
tRTC
Retransmit Cycle Time
20
25
30
35
ns
tPRT
Retransmit Pulse Width
10
15
20
25
ns
tRTR
Retransmit Recovery Time
10
10
10
10
ns
Notes:
7. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V and output loading of the specified IOL/IOH and 30 pF load
capacitance, as in part (a) of AC Test Load and Waveforms, unless otherwise specified.
8. See the last page of this specification for Group A subgroup testing information.
9. tHZR transition is measured at +200 mV from VOL and –200 mV from VOH. tDVR transition is measured at the 1.5V level. tHWZ and tLZR transition is measured
at
±100 mV from the steady state.
10. tHZR and tDVR use capacitance loading as in part (b) of AC Test Load and Waveforms.


Similar Part No. - CY7C421-25PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C421-25PC CYPRESS-CY7C421-25PC Datasheet
522Kb / 22P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C421-25PC CYPRESS-CY7C421-25PC Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
More results

Similar Description - CY7C421-25PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C419 CYPRESS-CY7C419_09 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419 Datasheet
522Kb / 22P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
logo
LOGIC Devices Incorpora...
L8C201 LODEV-L8C201 Datasheet
182Kb / 22P
   512/1K/2K/4K x 9-bit Asynchronous FIFO
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
logo
Integrated Device Techn...
IDT72021 IDT-IDT72021 Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com