Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS12887A Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS12887A
Description  Real-Time Clock
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS12887A Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS12887A Datasheet HTML 4Page - Maxim Integrated Products DS12887A Datasheet HTML 5Page - Maxim Integrated Products DS12887A Datasheet HTML 6Page - Maxim Integrated Products DS12887A Datasheet HTML 7Page - Maxim Integrated Products DS12887A Datasheet HTML 8Page - Maxim Integrated Products DS12887A Datasheet HTML 9Page - Maxim Integrated Products DS12887A Datasheet HTML 10Page - Maxim Integrated Products DS12887A Datasheet HTML 11Page - Maxim Integrated Products DS12887A Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Real-Time Clock
8
_____________________________________________________________________
Pin Description
PIN
SO,
PDIP
EDIP
PLCC
TQFP
NAME
FUNCTION
1
1
2
29
MOT
Motorola or Intel Bus Timing Selector. This pin selects one of two bus types. When
connected to VCC, Motorola bus timing is selected. When connected to GND or
left disconnected, Intel bus timing is selected. The pin has an internal pulldown
resistor.
2—
3
30
X1
3—
4
31
X2
Connections for Standard 32.768kHz Quartz Crystal. The internal oscillator
circuitry is designed for operation with a crystal having a 6pF specified load
capacitance (CL). Pin X1 is the input to the oscillator and can optionally be
connected to an external 32.768kHz oscillator. The output of the internal oscillator,
pin X2, is floated if an external oscillator is connected to pin X1.
4–11
4–11
5–10,
12, 14
1, 2, 3,
5, 7, 8,
9, 11
AD0–
AD7
Multiplexed, Bidirectional Address/Data Bus. The addresses are presented during
the first portion of the bus cycle and latched into the device by the falling edge of
AS. Write data is latched by the falling edge of DS (Motorola timing) or the rising
edge of R/W (Intel timing). In a read cycle, the device outputs data during the
latter portion of DS (DS and R/W high for Motorola timing, DS low and R/W high for
Intel timing). The read cycle is terminated and the bus returns to a high-
impedance state as DS transitions low in the case of Motorola timing or as DS
transitions high in the case of Intel timing.
12, 16
12
15, 20
12, 17
GND
Ground
13
13
16
13
CS
Active-Low Chip-Select Input. The chip-select signal must be asserted low for a
bus cycle in the device to be accessed. CS must be kept in the active state during
DS and AS for Motorola timing and during DS and R/W for Intel timing. Bus cycles
that take place without asserting CS will latch addresses, but no access occurs.
When VCC is below VPF volts, the device inhibits access by internally disabling the
CS input. This action protects the RTC data and the RAM data during power
outages.
14
14
17
14
AS
Address Strobe Input. A positive-going address-strobe pulse serves to
demultiplex the bus. The falling edge of AS causes the address to be latched
within the device. The next rising edge that occurs on the AS bus clears the
address regardless of whether CS is asserted. An address strobe must
immediately precede each write or read access. If a write or read is performed
with CS deasserted, another address strobe must be performed prior to a read or
write access with CS asserted.
15
15
19
16
R/W
Read/Write Input. The R/W pin has two modes of operation. When the MOT pin is
connected to VCC for Motorola timing, R/W is at a level that indicates whether the
current cycle is a read or write. A read cycle is indicated with a high level on R/W
while DS is high. A write cycle is indicated when R/W is low during DS. When the
MOT pin is connected to GND for Intel timing, the R/W signal is an active-low
signal. In this mode, the R/W pin operates in a similar fashion as the write-enable
signal (WE) on generic RAMs. Data are latched on the rising edge of the signal.


Similar Part No. - DS12887A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS12887A MAXIM-DS12887A Datasheet
217Kb / 2P
   Real-Time Clock
073102
logo
Dallas Semiconductor
DS12887A DALLAS-DS12887A Datasheet
17Kb / 1P
   Real Time Clock
logo
Maxim Integrated Produc...
DS12887A MAXIM-DS12887A Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
DS12887A++ MAXIM-DS12887A+ Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
More results

Similar Description - DS12887A

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
   Real Time Clock
logo
Dallas Semiconductor
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
   Real time clock
logo
List of Unclassifed Man...
TC8250P ETC-TC8250P Datasheet
412Kb / 20P
   Real time clock
logo
Seiko Instruments Inc
S-3511A SII-S-3511A Datasheet
1Mb / 28P
   REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com