Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1685E-3+ Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1685E-3+
Description  3V/5V Real-Time Clocks
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1685E-3+ Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1685E-3+ Datasheet HTML 3Page - Dallas Semiconductor DS1685E-3+ Datasheet HTML 4Page - Dallas Semiconductor DS1685E-3+ Datasheet HTML 5Page - Dallas Semiconductor DS1685E-3+ Datasheet HTML 6Page - Dallas Semiconductor DS1685E-3+ Datasheet HTML 7Page - Dallas Semiconductor DS1685E-3+ Datasheet HTML 8Page - Dallas Semiconductor DS1685E-3+ Datasheet HTML 9Page - Dallas Semiconductor DS1685E-3+ Datasheet HTML 10Page - Dallas Semiconductor DS1685E-3+ Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
DS1685/DS1687 3V/5V Real-Time Clocks
7 of 39
Figure 1. Block Diagram
OSCILLATOR CIRCUIT
The DS1685 uses an external 32.768kHz crystal. The oscillator circuit does not require any external resistors or
capacitors to operate. Table 1 specifies several crystal parameters for the external crystal, and Figure 2 shows a
functional schematic of the oscillator circuit. The oscillator is controlled by an enable bit in the control register.
Oscillator startup times are highly dependent upon crystal characteristics, PC board leakage, and layout. High ESR
and excessive capacitive loads are the major contributors to long startup times. A circuit using a crystal with the
recommended characteristics and proper layout usually starts within one second.
Power
Control
V
BAT
GND
OSC
BUS
Interface
V
CC
X1
X2
CS
WR
ALE
RD
AD0 - AD7
Divide
by 8
Divide by
64
Divide by
64
16:1 Mux
Square
Wave
Generator
Registers A, B,C,D
Clock/Calendar and
Alarm Registers
User Ram
114 Bytes
Clock/Calender
Update Logic
IRQ
SQW
RLC R
IRQ
Generator
Buffered Clock/
Calendar and Alarm
Registers
V
BAUX
Extended RAM Addr/
Data Registers
Extended Control/
Status Registers
64-Bit Serial Number
Century Counter
Date Alarm
RTC Address -2
RTC Address -3
Extended
User RAM
128 Bytes
RAM
Clear
Logic
DS1687 only
DS1687 only
Select
PW R
KS
DS1685/DS1687


Similar Part No. - DS1685E-3+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1685E-3++ MAXIM-DS1685E-3+ Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
DS1685E-3+TR MAXIM-DS1685E-3+TR Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
More results

Similar Description - DS1685E-3+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
Dallas Semiconductor
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
   3V/5V Real-Time Clock
DS17885-DS17887 DALLAS-DS17885-DS17887 Datasheet
410Kb / 38P
   3V/5V Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com