Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1046B-20VC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1046B-20VC
Description  1M x 4 Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1046B-20VC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1046B-20VC Datasheet HTML 1Page - Cypress Semiconductor CY7C1046B-20VC Datasheet HTML 2Page - Cypress Semiconductor CY7C1046B-20VC Datasheet HTML 3Page - Cypress Semiconductor CY7C1046B-20VC Datasheet HTML 4Page - Cypress Semiconductor CY7C1046B-20VC Datasheet HTML 5Page - Cypress Semiconductor CY7C1046B-20VC Datasheet HTML 6Page - Cypress Semiconductor CY7C1046B-20VC Datasheet HTML 7Page - Cypress Semiconductor CY7C1046B-20VC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CY7C1046B
Document #: 38-05144 Rev. **
Page 2 of 8
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage on VCC to Relative GND
[1] .... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State[1] ....................................–0.5V to VCC + 0.5V
DC Input Voltage[1] ................................–0.5V to VCC + 0.5V
Current into Outputs (LOW) ........................................ 20 mA
Static Discharge Voltage ........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ..................................................... >200 mA
Operating Range
Range
Ambient
Temperature[2]
VCC
Commercial
0
°C to +70°C
4.5V–5.5V
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
7C1046B-12
7C1046B-15
7C1046B-20
Min.
Max.
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC
+ 0.3
2.2
VCC
+ 0.3
2.2
VCC
+ 0.3
V
VIL
Input LOW Voltage[1]
–0.3
0.8
–0.3
0.8
–0.3
0.8
V
IIX
Input Load Current
GND < VI < VCC
–1
+1
–1+1
–1+1
µA
IOZ
Output Leakage
Current
GND < VOUT < VCC,
Output Disabled
–1
+1
–1+1
–1+1
µA
ICC
VCC Operating
Supply Current
VCC = Max.,
f = fMAX = 1/tRC
170
150
130
mA
ISB1
Automatic CE
Power-Down Current
—TTL Inputs
Max. VCC, CE > VIH
VIN > VIH or
VIN < VIL, f = fMAX
20
20
20
mA
ISB2
Automatic CE
Power-Down Current
—CMOS Inputs
Max. VCC,
CE > VCC – 0.3V,
VIN > VCC – 0.3V,
or VIN < 0.3V, f = 0
Com’l
88
8
mA
L version
0.5
0.5
0.5
Shaded areas contain advance information
.
Capacitance[3]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
6pF
COUT
I/O Capacitance
6
pF
Note:
1.
VIL (min.) = –2.0V for pulse durations of less than 20 ns.
2.
TA is the “Instant On” case temperature.
3.
Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY7C1046B-20VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1046BN CYPRESS-CY7C1046BN Datasheet
292Kb / 9P
   1M x 4 Static RAM
CY7C1046BN-15VC CYPRESS-CY7C1046BN-15VC Datasheet
292Kb / 9P
   1M x 4 Static RAM
CY7C1046BV33 CYPRESS-CY7C1046BV33 Datasheet
136Kb / 8P
   1M x 4 Static RAM
CY7C1046BV33-10 CYPRESS-CY7C1046BV33-10 Datasheet
136Kb / 8P
   1M x 4 Static RAM
CY7C1046BV33-10VC CYPRESS-CY7C1046BV33-10VC Datasheet
136Kb / 8P
   1M x 4 Static RAM
More results

Similar Description - CY7C1046B-20VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1046BV33 CYPRESS-CY7C1046BV33 Datasheet
136Kb / 8P
   1M x 4 Static RAM
CY7C1046CV33 CYPRESS-CY7C1046CV33 Datasheet
161Kb / 9P
   1M x 4 Static RAM
CY7C1046BN CYPRESS-CY7C1046BN Datasheet
292Kb / 9P
   1M x 4 Static RAM
CY7C1046D CYPRESS-CY7C1046D Datasheet
393Kb / 8P
   4-Mbit (1M x 4) Static RAM
CY7C1046DV33 CYPRESS-CY7C1046DV33 Datasheet
441Kb / 8P
   4-Mbit (1M x 4) Static RAM
CY7C1061AV25 CYPRESS-CY7C1061AV25 Datasheet
269Kb / 11P
   1M x 16 Static RAM
CY7C107 CYPRESS-CY7C107 Datasheet
144Kb / 8P
   1M x 1 Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33 Datasheet
270Kb / 11P
   1M x 16 Static RAM
CY7C107B CYPRESS-CY7C107B Datasheet
144Kb / 9P
   1M x 1 Static RAM
CY7C107BN CYPRESS-CY7C107BN Datasheet
310Kb / 7P
   1M x 1 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com