Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1673-5 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1673-5
Description  Portable System Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1673-5 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1673-5 Datasheet HTML 1Page - Maxim Integrated Products DS1673-5 Datasheet HTML 2Page - Maxim Integrated Products DS1673-5 Datasheet HTML 3Page - Maxim Integrated Products DS1673-5 Datasheet HTML 4Page - Maxim Integrated Products DS1673-5 Datasheet HTML 5Page - Maxim Integrated Products DS1673-5 Datasheet HTML 6Page - Maxim Integrated Products DS1673-5 Datasheet HTML 7Page - Maxim Integrated Products DS1673-5 Datasheet HTML 8Page - Maxim Integrated Products DS1673-5 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1 of 18
REV: 080805
GENERAL DESCRIPTION
The DS1673 portable system controller is a circuit
that incorporates many of the functions necessary for
low-power portable products integrated into one chip.
The device provides a real-time clock (RTC), NV
RAM controller, microprocessor monitor, and a
3-channel, 8-bit analog-to-digital converter (ADC).
Communication with the DS1673 is established
through a simple 3-wire interface.
The RTC provides seconds, minutes, hours, day,
date, month, and year information with leap year
compensation. The RTC also provides an alarm
interrupt. This interrupt works when the DS1673 is
powered by the system power supply or when in
battery-backup operation, so the alarm can be used to
wake up a system that is powered down.
Automatic backup and write protection of an external
SRAM is provided through the VCCO, CEOL, and
CEOH pins. The backup energy source used to power
the RTC is also used to retain RAM data in the
absence of VCC through the VCCO pin. The chip-
enable outputs to RAM (
CEOL and CEOH) are
controlled during power transients to prevent data
corruption.
ORDERING INFORMATION
PART*
VOLTAGE
(V)
PIN-
PACKAGE
TOP MARK†
DS1673E-3
3.0
20 TSSOP
DS1673-3
DS1673E-3+
3.0
20 TSSOP
DS1673-3
DS1673E-5
5.0
20 TSSOP
DS1673-5
DS1673E-3/
T&R
3.0
20 TSSOP
DS1673-3
DS1673E-3+
T&R
3.0
20 TSSOP
DS1673-3
DS1673E-5/
T&R
5.0
20 TSSOP
DS1673-5
DS1673S-3
3.0
20 SO
DS1673S-3
DS1673S-5
5.0
20 SO
DS1673S-5
* All devices are specified over the 0°C to +70°C operating range.
† A “‘+” anywhere on the top mark denotes a lead-free device.
+ Denotes a lead-free/RoHS-compliant device.
FEATURES
§ Provides Real-Time Clock
Counts Seconds, Minutes, Hours, Date of the
Month, Month, Day of the Week, and Year
with Leap Year Compensation Valid Up to
2100
Power-Control Circuitry Supports System
Power-On from Day/Time Alarm
§ Microprocessor Monitor
Halts Microprocessor During Power Fail
Automatically Restarts Microprocessor after
Power Failure
Monitors Pushbutton for External Override
Halts and Resets an Out-of-Control
Microprocessor
§ NV RAM Control
Automatic Battery Backup and Write Protection
to External SRAM
§ 3-Channel, 8-Bit ADC
§ Simple 3-Wire Interface
§ +3.0V or +5.0V Operation
PIN CONFIGURATION
DS1673
Portable System Controller
www.maxim-ic.com
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
ST
VCC
X1
X2
AIN0
AIN1
AIN2
RST
BLE
BHE
VBAT
VCCO
SCLK
I/O
CS
CEI
CEOL
CEOH
INT
GND
TSSOP (4.4mm)
SO (300 mils)
DS1673
TOP VIEW


Similar Part No. - DS1673-5

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
   Portable System Controller
DS1673E-3 DALLAS-DS1673E-3 Datasheet
216Kb / 20P
   Portable System Controller
DS1673E-5 DALLAS-DS1673E-5 Datasheet
216Kb / 20P
   Portable System Controller
DS1673S-3 DALLAS-DS1673S-3 Datasheet
216Kb / 20P
   Portable System Controller
DS1673S-5 DALLAS-DS1673S-5 Datasheet
216Kb / 20P
   Portable System Controller
More results

Similar Description - DS1673-5

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677 Datasheet
162Kb / 17P
   Portable System Controller
DS1670 DALLAS-DS1670 Datasheet
252Kb / 17P
   Portable System Controller
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
   Portable System Controller
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
   Portable System Controller
REV: 080905
DS1670 MAXIM-DS1670 Datasheet
366Kb / 16P
   Portable System Controller
REV: 080805
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677_05 Datasheet
549Kb / 18P
   Portable System Controller
DS1680 DALLAS-DS1680 Datasheet
335Kb / 23P
   Portable System Controller with Touch-Screen Control
logo
Integrated Circuit Syst...
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
   Portable System Clock Synthesizer
logo
Ultralife Corporation.
LPAS-320U ULTRALIFE-LPAS-320U Datasheet
2Mb / 2P
   Lightweight Portable Amplification System
5/28/14
logo
Motorola, Inc
MC68EZ328 MOTOROLA-MC68EZ328 Datasheet
103Kb / 8P
   Integrated Portable System Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com