Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1046B Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1046B
Description  1M x 4 Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1046B Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1046B Datasheet HTML 1Page - Cypress Semiconductor CY7C1046B Datasheet HTML 2Page - Cypress Semiconductor CY7C1046B Datasheet HTML 3Page - Cypress Semiconductor CY7C1046B Datasheet HTML 4Page - Cypress Semiconductor CY7C1046B Datasheet HTML 5Page - Cypress Semiconductor CY7C1046B Datasheet HTML 6Page - Cypress Semiconductor CY7C1046B Datasheet HTML 7Page - Cypress Semiconductor CY7C1046B Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CY7C1046B
Document #: 38-05144 Rev. **
Page 3 of 8
AC Test Loads and Waveforms
Switching Characteristics[4] Over the Operating Range
7C1046B-12
7C1046B-15
7C1046B-20
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tpower
VCC(typical) to the first access
[5]
1
11
µs
tRC
Read Cycle Time
12
15
20
ns
tAA
Address to Data Valid
12
15
20
ns
tOHA
Data Hold from Address Change
3
33
ns
tACE
CE LOW to Data Valid
12
15
20
ns
tDOE
OE LOW to Data Valid
67
8
ns
tLZOE
OE LOW to Low Z[7]
0
00
ns
tHZOE
OE HIGH to High Z[6, 7]
67
8
ns
tLZCE
CE LOW to Low Z[7]
3
33
ns
tHZCE
CE HIGH to High Z[6, 7]
67
8
ns
tPU
CE LOW to Power-Up
0
00
ns
tPD
CE HIGH to Power-Down
12
15
20
ns
WRITE CYCLE[8, 9]
tWC
Write Cycle Time
12
15
20
ns
tSCE
CE LOW to Write End
8
10
15
ns
tAW
Address Set-Up to Write End
8
10
15
ns
tHA
Address Hold from Write End
0
00
ns
tSA
Address Set-Up to Write Start
0
00
ns
tPWE
WE Pulse Width
8
10
12
ns
tSD
Data Set-Up to Write End
6
810
ns
tHD
Data Hold from Write End
0
00
ns
tLZWE
WE HIGH to Low Z[7]
3
33
ns
tHZWE
WE LOW to High Z[6, 7]
67
8
ns
Notes:
4.
Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 30-pF load capacitance.
5.
This part has a voltage regulator which steps down the voltage from 5V to 3.3V internally. tpower time has to be provided initially before a read/write operation
is started.
6.
tHZOE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads. Transition is measured ±500 mV from steady-state voltage.
7.
At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
8.
The internal write time of the memory is defined by the overlap of CE LOW, and WE LOW. CE and WE must be LOW to initiate a write, and the transition of either of
these signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the write.
9.
The minimum write cycle time for Write Cycle no. 3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.
1046B–3
1046B–4
90%VCC
10%VCC
Vcc
GND
90%
10%
ALL INPUT PULSES
5V
OUTPUT
30 pF
INCLUDING
JIG AND
SCOPE
5V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
R1 481
R1 481
R2
255
R2
255
167
Equivalent to:
VENIN EQUIVALENT
1.73V
THÉ
Rise Time:1 V/ns
Fall Time:1 V/ns


Similar Part No. - CY7C1046B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1046BN CYPRESS-CY7C1046BN Datasheet
292Kb / 9P
   1M x 4 Static RAM
CY7C1046BN-15VC CYPRESS-CY7C1046BN-15VC Datasheet
292Kb / 9P
   1M x 4 Static RAM
CY7C1046BV33 CYPRESS-CY7C1046BV33 Datasheet
136Kb / 8P
   1M x 4 Static RAM
CY7C1046BV33-10 CYPRESS-CY7C1046BV33-10 Datasheet
136Kb / 8P
   1M x 4 Static RAM
CY7C1046BV33-10VC CYPRESS-CY7C1046BV33-10VC Datasheet
136Kb / 8P
   1M x 4 Static RAM
More results

Similar Description - CY7C1046B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1046BV33 CYPRESS-CY7C1046BV33 Datasheet
136Kb / 8P
   1M x 4 Static RAM
CY7C1046CV33 CYPRESS-CY7C1046CV33 Datasheet
161Kb / 9P
   1M x 4 Static RAM
CY7C1046BN CYPRESS-CY7C1046BN Datasheet
292Kb / 9P
   1M x 4 Static RAM
CY7C1046D CYPRESS-CY7C1046D Datasheet
393Kb / 8P
   4-Mbit (1M x 4) Static RAM
CY7C1046DV33 CYPRESS-CY7C1046DV33 Datasheet
441Kb / 8P
   4-Mbit (1M x 4) Static RAM
CY7C1061AV25 CYPRESS-CY7C1061AV25 Datasheet
269Kb / 11P
   1M x 16 Static RAM
CY7C107 CYPRESS-CY7C107 Datasheet
144Kb / 8P
   1M x 1 Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33 Datasheet
270Kb / 11P
   1M x 16 Static RAM
CY7C107B CYPRESS-CY7C107B Datasheet
144Kb / 9P
   1M x 1 Static RAM
CY7C107BN CYPRESS-CY7C107BN Datasheet
310Kb / 7P
   1M x 1 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com