Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1041CV33 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1041CV33
Description  4-Mbit (256K x 16) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1041CV33 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1041CV33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1041CV33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1041CV33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1041CV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1041CV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1041CV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1041CV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1041CV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1041CV33 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CY7C1041CV33
4-Mbit (256K x 16) Static RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-05134 Rev. *I
Revised February 14, 2008
Features
Temperature ranges
Commercial: 0°C to 70°C
Industrial: –40°C to 85°C
Automotive-A: –40°C to 85°C
Automotive-E: –40°C to 125°C
Pin and function compatible with CY7C1041BV33
High speed
tAA = 10 ns (Commercial, Industrial and Automotive-A)
tAA = 12 ns (Automotive-E)
Low active power
324 mW (max)
2.0V data retention
Automatic power down when deselected
TTL-compatible inputs and outputs
Easy memory expansion with CE and OE features
Available in Pb-free and non Pb-free 44-pin 400 Mil SOJ, 44-pin
TSOP II and 48-Ball FBGA packages
Functional Description
The CY7C1041CV33 is a high performance CMOS static RAM
organized as 262,144 words by 16 bits.
To write to the device, take Chip Enable (CE) and Write Enable
(WE) inputs LOW. If Byte Low Enable (BLE) is LOW, then data
from IO pins (IO0 through IO7), is written into the location
specified on the address pins (A0 through A17). If Byte High
Enable (BHE) is LOW, then data from IO pins (IO8 through IO15)
is written into the location specified on the address pins (A0
through A17).
To read from the device, take Chip Enable (CE) and Output
Enable (OE) LOW while forcing the Write Enable (WE) HIGH. If
Byte Low Enable (BLE) is LOW, then data from the memory
location specified by the address pins appear on IO0 to IO7. If
Byte High Enable (BHE) is LOW, then data from memory
appears on IO8 to IO15. For more information, see the Truth
Table on page 9 for a complete description of Read and Write
modes.
The input and output pins (IO0 through IO15) are placed in a high
impedance state when the device is deselected (CE HIGH), the
outputs are disabled (OE HIGH), the BHE and BLE are disabled
(BHE, BLE HIGH), or during a write operation (CE LOW and WE
LOW).
For best practice recommendations, refer to the Cypress
application note AN1064, SRAM System Guidelines.
Logic Block Diagram
256K x 16
RAM Array
IO0–IO7
A0
A1
A2
A3
A6
COLUMN DECODER
INPUT BUFFER
OE
A4
A5
IO8–IO15
WE
BLE
BHE
A8
A7
CE
[+] Feedback


Similar Part No. - CY7C1041CV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041CV33 CYPRESS-CY7C1041CV33 Datasheet
226Kb / 11P
   256K x 16 Static RAM
CY7C1041CV33 CYPRESS-CY7C1041CV33 Datasheet
471Kb / 15P
   4-Mbit (256 K 횞 16) Static RAM
CY7C1041CV33 CYPRESS-CY7C1041CV33 Datasheet
572Kb / 17P
   4-Mbit (256 K 횞 16) Static RAM TTL-compatible inputs and outputs
CY7C1041CV33-10BAC CYPRESS-CY7C1041CV33-10BAC Datasheet
226Kb / 11P
   256K x 16 Static RAM
CY7C1041CV33-10BAC CYPRESS-CY7C1041CV33-10BAC Datasheet
601Kb / 12P
   4-Mbit (256K x 16) Static RAM
More results

Similar Description - CY7C1041CV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146DV30 CYPRESS-CY62146DV30 Datasheet
406Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E Datasheet
529Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18 Datasheet
457Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY7C1041DV33 CYPRESS-CY7C1041DV33 Datasheet
403Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E_09 Datasheet
336Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62147DV30 CYPRESS-CY62147DV30 Datasheet
393Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30 Datasheet
527Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62147DV30 CYPRESS-CY62147DV30_06 Datasheet
369Kb / 12P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com