Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1500W Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1500W
Description  Y2K Watchdog RTC with Nonvolatile Control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1500W Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1500W Datasheet HTML 4Page - Maxim Integrated Products DS1500W Datasheet HTML 5Page - Maxim Integrated Products DS1500W Datasheet HTML 6Page - Maxim Integrated Products DS1500W Datasheet HTML 7Page - Maxim Integrated Products DS1500W Datasheet HTML 8Page - Maxim Integrated Products DS1500W Datasheet HTML 9Page - Maxim Integrated Products DS1500W Datasheet HTML 10Page - Maxim Integrated Products DS1500W Datasheet HTML 11Page - Maxim Integrated Products DS1500W Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
DS1500 Y2KC Watchdog RTC with Nonvolatile Control
8 of 19
WAKEUP/KICKSTART TIMING
(TA = +25°C) (Figure 6)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Kickstart-Input Pulse Width
tKSPW
2
µs
Wakeup/Kickstart Power-On Timeout
tPOTO
(Note 11)
2
s
Note: Time intervals shown above are referenced in Wakeup/Kickstart.
Figure 6. Wakeup/Kickstart Timing Diagram
Note 1:
Limits at -40°C are not production tested and are guaranteed by design.
Note 2:
Voltage referenced to ground.
Note 3:
Outputs are open.
Note 4:
The IRQ, PWR, and RST outputs are open drain.
Note 5:
Value for voltage and currents is from the VCCI input pin to the VCCO pin.
Note 6:
If VPF is less than VBAT and VBAUX, the device power is switched from VCC to the greater of VBAT or VBAUX when VCC drops below VPF. If VPF
is greater than VBAT and VBAUX, the device power is switched from VCC to the greater of VBAT or VBAUX when VCC drops below the greater
of VBAT or VBAUX.
Note 7:
Value for voltage and currents is from the VBAT or VBAUX input pin to the VCCO pin.
Note 8:
IBAT1 and IBAT2 are specified with VCCO floating and do not include any RAM current.
Note 9:
VBAT or VBAUX current. Using a 32,768Hz crystal connected to X1 and X2.
Note 10:
These parameters are sampled with a 5pF load and are not 100% tested.
Note 11:
Typical values are at +25°C, nominal (active) supply, unless otherwise noted.
Note 12:
If the oscillator is not enabled, the startup time of the oscillator after VCCI is applied is added to the wakeup/kickstart timeout.


Similar Part No. - DS1500W

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1500WEN DALLAS-DS1500WEN Datasheet
351Kb / 19P
   Y2K Watchdog RTC with Nonvolatile Control
More results

Similar Description - DS1500W

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1500 MAXIM-DS1500_11 Datasheet
547Kb / 20P
   Y2K Watchdog RTC with Nonvolatile Control
Rev 11/11
logo
Dallas Semiconductor
DS1500 DALLAS-DS1500 Datasheet
351Kb / 19P
   Y2K Watchdog RTC with Nonvolatile Control
logo
Maxim Integrated Produc...
DS1743 MAXIM-DS1743 Datasheet
185Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping
REV: 090407
DS1744_1203 MAXIM-DS1744_1203 Datasheet
583Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
logo
Dallas Semiconductor
DS1747 DALLAS-DS1747 Datasheet
340Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1746 DALLAS-DS1746 Datasheet
453Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1744 DALLAS-DS1744 Datasheet
348Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1746 MAXIM-DS1746_12 Datasheet
529Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1747 MAXIM-DS1747_10 Datasheet
213Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5504; Rev 9/10
DS1744 MAXIM-DS1744_10 Datasheet
190Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5502; Rev 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com