Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1672S-2 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1672S-2
Description  I2C 32-Bit Binary Counter RTC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1672S-2 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1672S-2 Datasheet HTML 1Page - Maxim Integrated Products DS1672S-2 Datasheet HTML 2Page - Maxim Integrated Products DS1672S-2 Datasheet HTML 3Page - Maxim Integrated Products DS1672S-2 Datasheet HTML 4Page - Maxim Integrated Products DS1672S-2 Datasheet HTML 5Page - Maxim Integrated Products DS1672S-2 Datasheet HTML 6Page - Maxim Integrated Products DS1672S-2 Datasheet HTML 7Page - Maxim Integrated Products DS1672S-2 Datasheet HTML 8Page - Maxim Integrated Products DS1672S-2 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DS1672
5 of 15
AC ELECTRICAL CHARACTERISTICS
(VCC = 0V, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Fast mode
100
400
SCL Clock
Frequency
fSCL
Standard mode
100
kHz
Fast mode
1.3
Bus Free Time
Between a STOP and
START Condition
tBUF
Standard mode
4.7
µs
Fast mode
0.6
Hold Time
(Repeated) START
Condition
tHD:STA
Standard mode
4.0
µs
6
Fast mode
1.3
LOW Period of SCL
Clock
tLOW
Standard mode
4.7
µs
Fast mode
0.6
HIGH Period of SCL
Clock
tHIGH
Standard mode
4.0
µs
Fast mode
0.6
Setup Time for a
Repeated START
Condition
tSU:STA
Standard mode
4.7
µs
Fast mode
0
0.9
Data Hold Time
tHD:DAT
Standard mode
0
µs
7, 8
Fast mode
100
Data Setup Time
tSU:DAT
Standard mode
250
ns
9
Fast mode
20 + 0.1CB
300
Rise Time of Both
SDA and SCL
Signals
tR
Standard mode
1000
ns
10
Fast mode
20 + 0.1CB
300
Fall Time of Both
SDA and SCL
Signals
tF
Standard mode
300
ns
10
Fast mode
0.6
Setup Time for STOP
Condition
tSU:STO
Standard mode
4.0
µs
Capacitive Load for
Each Bus Line
CB
400
pF
10
I/O Capacitance
CI/O
10
pF
Note 6: After this period, the first clock pulse is generated.
Note 7: A device must internally provide a hold time of at least 300ns for the SDA signal (referenced to the VIHMIN of the SCL signal) in
order to bridge the undefined region of the falling edge of SCL.
Note 8:The maximum tHD:DAT has only to be met if the device does not stretch the LOW period (tLOW) of the SCL signal.
Note 9: A fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT ≥ to 250ns must then be met. This will
automatically be the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW
period of the SCL signal, it must output the next data bit to the SDA line tR max + tSU:DAT = 1000 + 250 = 1250ns before the SCL
line is released.
Note 10: CB–Total capacitance of one bus line in pF.


Similar Part No. - DS1672S-2

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1672S-2 DALLAS-DS1672S-2 Datasheet
104Kb / 13P
   Low Voltage Serial Timekeeping Chip
More results

Similar Description - DS1672S-2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1672 MAXIM-DS1672_11 Datasheet
197Kb / 15P
   I2C 32-Bit Binary Counter RTC
Rev 9/11
logo
Dallas Semiconductor
DS1371 DALLAS-DS1371_07 Datasheet
498Kb / 15P
   I2C, 32-Bit Binary Counter
logo
Maxim Integrated Produc...
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
DS1372 MAXIM-DS1372 Datasheet
167Kb / 12P
   I2C, 32-Bit, Binary Counter Clock with 64-Bit ID
Rev 0; 7/07
DS1371 MAXIM-DS1371 Datasheet
966Kb / 14P
   2-Wire, 32-Bit Binary Counter Watchdog Clock
logo
Hitachi Semiconductor
HD14040B HITACHI-HD14040B Datasheet
79Kb / 7P
   12-bit Binary Counter
logo
NXP Semiconductors
74F161A PHILIPS-74F161A Datasheet
111Kb / 14P
   4-bit binary counter
1996 Jan 29
logo
Hitachi Semiconductor
HD14020B HITACHI-HD14020B Datasheet
80Kb / 7P
   14-bit Binary Counter
logo
ON Semiconductor
SN74LS90 ONSEMI-SN74LS90 Datasheet
172Kb / 7P
   4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com