Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C140-55DMB Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C140-55DMB
Description  1K x 8 Dual-Port Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C140-55DMB Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C140-55DMB Datasheet HTML 1Page - Cypress Semiconductor CY7C140-55DMB Datasheet HTML 2Page - Cypress Semiconductor CY7C140-55DMB Datasheet HTML 3Page - Cypress Semiconductor CY7C140-55DMB Datasheet HTML 4Page - Cypress Semiconductor CY7C140-55DMB Datasheet HTML 5Page - Cypress Semiconductor CY7C140-55DMB Datasheet HTML 6Page - Cypress Semiconductor CY7C140-55DMB Datasheet HTML 7Page - Cypress Semiconductor CY7C140-55DMB Datasheet HTML 8Page - Cypress Semiconductor CY7C140-55DMB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1K x 8 Dual-Port Static RAM
CY7C130/CY7C131
CY7C140/CY7C141
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-06002 Rev. *D
Revised August 29, 2005
Features
• True Dual-Ported memory cells which allow simulta-
neous reads of the same memory location
• 1K x 8 organization
• 0.65-micron CMOS for optimum speed/power
• High-speed access: 15 ns
• Low operating power: ICC = 110 mA (max.)
• Fully asynchronous operation
• Automatic power-down
• Master CY7C130/CY7C131 easily expands data bus
width to 16 or more bits using slave CY7C140/CY7C141
• BUSY output flag on CY7C130/CY7C131; BUSY input
on CY7C140/CY7C141
• INT flag for port-to-port communication
• Available in 48-pin DIP (CY7C130/140), 52-pin PLCC,
52-Pin TQFP.
• Pb-Free packages available
Functional Description
The CY7C130/CY7C131/CY7C140 and CY7C141 are
high-speed CMOS 1K by 8 dual-port static RAMs. Two ports
are provided permitting independent access to any location in
memory. The CY7C130/ CY7C131 can be utilized as either a
standalone 8-bit dual-port static RAM or as a master dual-port
RAM in conjunction with the CY7C140/CY7C141 slave
dual-port device in systems requiring 16-bit or greater word
widths. It is the solution to applications requiring shared or
buffered data, such as cache memory for DSP, bit-slice, or
multiprocessor designs.
Each port has independent control pins; chip enable (CE),
write enable (R/W), and output enable (OE). Two flags are
provided on each port, BUSY and INT. BUSY signals that the
port is trying to access the same location currently being
accessed by the other port. INT is an interrupt flag indicating
that data has been placed in a unique location (3FF for the left
port and 3FE for the right port). An automatic power-down
feature is controlled independently on each port by the chip
enable (CE) pins.
The CY7C130 and CY7C140 are available in 48-pin DIP. The
CY7C131 and CY7C141 are available in 52-pin PLCC, 52-pin
Pb-free PLCC, 52-pin PQFP and 52-pin Pb-free PQFP.
Note:
1. CY7C130/CY7C131 (Master): BUSY is open drain output and requires pull-up resistor
CY7C140/CY7C141 (Slave): BUSY is input.
2. Open drain outputs: pull-up resistor required.
Logic Block Diagram
Pin Configurations
13
14
15
16
17
18
19
20
21
22
23
26
27
28
32
31
30
29
33
36
35
34
24
25
GND
1
2
3
4
5
6
7
8
9
10
11
38
39
40
44
43
42
41
45
48
47
46
12
37
R/W L
CEL
BUSY L
INTL
OEL
A0L
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
I/O2L
I/O3L
I/O4L
I/O5L
I/O6L
I/O7L
CER
R/WR
BUSYR
INTR
OER
A0R
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
I/O7R
I/O6R
I/O5R
I/O4R
I/O3R
I/O2R
I/O1R
I/O0R
VCC
DIP
Top View
7C130
7C140
R/WL
BUSYL
CEL
OEL
A 9L
A 0L
A 0R
A 9R
R/WR
CER
OER
CER
OER
CEL
OEL
R/WL
R/WR
I/O7L
I/O0L
I/O7R
I/O0R
BUSYR
INTL
INTR
ARBITRATION
LOGIC
(7C130/7C131 ONLY)
AND
INTERRUPT LOGIC
CONTROL
I/O
CONTROL
I/O
MEMORY
ARRAY
ADDRESS
DECODER
ADDRESS
DECODER
[1]
[2]
[2]


Similar Part No. - CY7C140-55DMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C140-55DMB CYPRESS-CY7C140-55DMB Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
More results

Similar Description - CY7C140-55DMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
logo
Integrated Device Techn...
IDT7130SA IDT-IDT7130SA Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_15 Datasheet
628Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT71V30 IDT-IDT71V30 Datasheet
120Kb / 14P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
logo
TEMIC Semiconductors
M67130 TEMIC-M67130 Datasheet
783Kb / 16P
   1K X 8 CMOS DUAL PORT RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com