Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C140-55DMB Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C140-55DMB
Description  1K x 8 Dual-Port Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C140-55DMB Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C140-55DMB Datasheet HTML 4Page - Cypress Semiconductor CY7C140-55DMB Datasheet HTML 5Page - Cypress Semiconductor CY7C140-55DMB Datasheet HTML 6Page - Cypress Semiconductor CY7C140-55DMB Datasheet HTML 7Page - Cypress Semiconductor CY7C140-55DMB Datasheet HTML 8Page - Cypress Semiconductor CY7C140-55DMB Datasheet HTML 9Page - Cypress Semiconductor CY7C140-55DMB Datasheet HTML 10Page - Cypress Semiconductor CY7C140-55DMB Datasheet HTML 11Page - Cypress Semiconductor CY7C140-55DMB Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
CY7C130/CY7C131
CY7C140/CY7C141
Document #: 38-06002 Rev. *D
Page 8 of 19
Switching Waveforms
Read Cycle No. 1[19, 20]
Read Cycle No. 2[19, 21]
Read Cycle No. 3[20]
Notes:
19. R/W is HIGH for read cycle.
20. Device is continuously selected, CE = VIL and OE = VIL.
21. Address valid prior to or coincident with CE transition LOW.
tRC
tAA
tOHA
DATA VALID
PREVIOUS DATAVALID
DATA OUT
ADDRESS
Either Port Address Access
tACE
tLZOE
tDOE
tHZOE
tHZCE
DATA VALID
DATA OUT
CE
OE
tLZCE
tPU
ICC
ISB
tPD
Either Port CE/OE Access
tBHA
tBDD
VALID
tDDD
tWDD
ADDRESS MATCH
ADDRESS MATCH
R/WR
ADDRESSR
DINR
ADDRESSL
BUSYL
DOUTL
tPS
tBLA
Read with BUSY, Master: CY7C130 and CY7C131
tRC
tPWE
VALID
tHD


Similar Part No. - CY7C140-55DMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C140-55DMB CYPRESS-CY7C140-55DMB Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
More results

Similar Description - CY7C140-55DMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
logo
Integrated Device Techn...
IDT7130SA IDT-IDT7130SA Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_15 Datasheet
628Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT71V30 IDT-IDT71V30 Datasheet
120Kb / 14P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
logo
TEMIC Semiconductors
M67130 TEMIC-M67130 Datasheet
783Kb / 16P
   1K X 8 CMOS DUAL PORT RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com