Part Name
         Description
DS1501W

 Y2K-Compliant Watchdog Real-Time Clocks ( 21 Page)


MAXIM
100% 
Zoom Out Zoom In
 8 page
background image
DS1501/DS1511 Y2KC Watchdog Real-Time Clocks
8 of 21
WAKEUP/KICKSTART TIMING
(TA = +25°C) (Figure 7)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Kickstart-Input Pulse Width
tKSPW
2
µs
Wakeup/Kickstart Power-On Timeout
tPOTO
(Note 10)
2
s
Note: Time intervals shown above are referenced in Wakeup/Kickstart.
Figure 7. Wakeup/Kickstart Timing Diagram
tKS PW
tPO T O
V CC
CO NDITIO N :
VPF
V BAT
<
VPF
V BA T
0V
V BAT
VPF
0V
V CC
CO NDITIO N :
V BAT
VPF >
T D F/KSF
(INTE RNA L)
V IL
VIH
HI-Z
____
IR Q
V IL
VIH
HI-Z
____
PW R
VIH
V IL
___
KS
1
2
3
4
5
IN T E R V A L S
Note 1:
Limits at -40°C are not production tested and are guaranteed by design.
Note 2:
RTC modules can be successfully processed through conventional wave-soldering techniques as long as temperature exposure to the
lithium energy source contained within does not exceed +85°C. Post-sold cleaning with water-washing techniques is acceptable,
provided that ultrasonic vibration is not used to prevent damage to the crystal.
Note 3:
Voltage referenced to ground.
Note 4:
Outputs are open.
Note 5:
The IRQ, PWR, and RST outputs are open drain.
Note 6:
If VPF is less than VBAT and VBAUX, the device power is switched from VCC to the greater of VBAT or VBAUX when VCC drops below VPF. If VPF
is greater than VBAT and VBAUX, the device power is switched from VCC to the greater of VBAT or VBAUX when VCC drops below the greater
of VBAT or VBAUX.
Note 7:
VBAT or VBAUX current. Using a 32,768Hz crystal connected to X1 and X2.
Note 8:
These parameters are sampled with a 5pF load and are not 100% tested.
Note 9:
tDR is the amount of time that the internal battery can power the internal oscillator and internal registers of the DS1511.
Note 10:
If the oscillator is not enabled, the startup time of the oscillator after VCC1 is applied will be added to the wakeup/kickstart timeout.
Note 11:
Typical values are at +25°C, nominal (active) supply, unless otherwise noted.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS87C530_05EPROM/ROM Microcontrollers with Real-Time Clock 1 2 3 4 5 MoreDallas Semiconductor
BQ3287Real-Time Clock RTC Module 1 2 3 4 5 MoreList of Unclassifed Manufacturers
DS1307_0664 x 8 Serial I2C Real-Time Clock 1 2 3 4 5 MoreMaxim Integrated Products
MM1136IC for System Reset with built-in watchdog timer Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
MB3793-37A_06Power Voltage Monitoring IC with Watchdog Timer 1 2 3 4 5 MoreFujitsu Component Limited.
TB9001FNG5 V Voltage Regulator with Watchdog Timer 1 2 3 4 5 MoreToshiba Semiconductor
74F193Up/Down Binary Counter with Separate Up/Down Clocks 1 2 3 4 5 MoreFairchild Semiconductor
PT7C4300Real-time Clock Module I²c Bus 1 2 3 4 5 MorePericom Semiconductor Corporation
KV-9096AVIRTUAL REAL-TIME & TIME LAPSE VCR 1 2 3 4 5 MoreToshiba Semiconductor
DS1337_06I2C Serial Real-Time Clock 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl