Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1340C-3- Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1340C-3-
Description  I2C RTC with Trickle Charger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1340C-3- Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1340C-3- Datasheet HTML 2Page - Maxim Integrated Products DS1340C-3- Datasheet HTML 3Page - Maxim Integrated Products DS1340C-3- Datasheet HTML 4Page - Maxim Integrated Products DS1340C-3- Datasheet HTML 5Page - Maxim Integrated Products DS1340C-3- Datasheet HTML 6Page - Maxim Integrated Products DS1340C-3- Datasheet HTML 7Page - Maxim Integrated Products DS1340C-3- Datasheet HTML 8Page - Maxim Integrated Products DS1340C-3- Datasheet HTML 9Page - Maxim Integrated Products DS1340C-3- Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Detailed Description
The DS1340 is a low-power clock/calendar with a trickle
charger. Address and data are transferred serially
through a I2C bidirectional bus. The clock/calendar pro-
vides seconds, minutes, hours, day, date, month, and
year information. The date at the end of the month is
automatically adjusted for months with fewer than 31
days, including corrections for leap year. The DS1340
has a built-in power-sense circuit that detects power fail-
ures and automatically switches to the backup supply.
Power Control
The power-control function is provided by a precise,
temperature-compensated voltage reference and a
comparator circuit that monitors the VCC level. The
device is fully accessible and data can be written and
read when VCC is greater than VPF. However, when VCC
falls below VPF, the internal clock registers are blocked
from any access. If VPF is less than VBACKUP, the
device power is switched from VCC to VBACKUP when
VCC drops below VPF. If VPF is greater than VBACKUP,
the device power is switched from VCC to VBACKUP
when VCC drops below VBACKUP. The registers are
maintained from the VBACKUP source until VCC is
returned to nominal levels (Table 1). After VCC returns
above VPF, read and write access is allowed tREC.
I2C RTC with Trickle Charger
6
_____________________________________________________________________
Pin Description
PIN
8
16
NAME
FUNCTION
1
X1
2
X2
Connections for a Standard 32.768kHz Quartz Crystal. The internal oscillator circuitry is designed for
operation with a crystal having a specified load capacitance (CL) of 12.5pF. X1 is the input to the oscillator
and can optionally be connected to an external 32.768kHz oscillator. The output of the internal oscillator,
X2, is floated if an external oscillator is connected to X1.
3
14
VBACKUP
Connection for a Secondary Power Supply. For the 1.8V and 3V devices, VBACKUP must be held between
1.3V and 3.7V for proper operation. Diodes placed in series between the supply and the input pin may
result in improper operation. VBACKUP can be as high as 5.5V on the 3.3V device.
This pin can be connected to a primary cell such as a lithium coin cell. Additionally, this pin can be
connected to a rechargeable cell or a super cap when used with the trickle-charge feature. UL recognized
to ensure against reverse charging when used with a lithium battery (www.maxim-ic.com/qa/info/ul).
4
15
GND
Ground
5
16
SDA
Serial Data Input/Output. SDA is the data input/output for the I
2C serial interface. The SDA pin is open drain
and requires an external pullup resistor.
6
1
SCL
Serial Clock Input. SCL is the clock input for the I
2C interface and is used to synchronize data movement on
the serial interface.
7
2
FT/OUT
Frequency Test/Output. This pin is used to output either a 512Hz signal or the value of the OUT bit. When
the FT bit is logic 1, the FT/OUT pin toggles at a 512Hz rate. When the FT bit is logic 0, the FT/OUT pin
reflects the value of the OUT bit. This open-drain pin requires an external pullup resistor, and operates with
either VCC or VBACKUP applied.
8
3
VCC
Primary Power Supply. When voltage is applied within normal limits, the device is fully accessible and data
can be written and read. When a backup supply is connected to the device and VCC is below VTP, reads and
writes are inhibited. However, the timekeeping function continues unaffected by the lower input voltage.
4–13
N.C.
No Connection. Must be connected to ground.
SUPPLY CONDITION
READ/WRITE
ACCESS
POWERED
BY
VCC < VPF,
VCC < VBACKUP
No
VBAT
VCC < VPF,
VCC > VBACKUP
No
VCC
VCC > VPF,
VCC < VBACKUP
Yes
VCC
VCC > VPF,
VCC > VBACKUP
Yes
VCC
Table 1. Power Control


Similar Part No. - DS1340C-3-

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340C-3 MAXIM-DS1340C-3 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340C-3 MAXIM-DS1340C-3 Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340C-3++ MAXIM-DS1340C-3+ Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340C-33 MAXIM-DS1340C-33 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340C-33 MAXIM-DS1340C-33 Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
More results

Similar Description - DS1340C-3-

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS1388 MAXIM-DS1388 Datasheet
381Kb / 18P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 0; 4/05
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com