Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1011CV33-12AXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1011CV33-12AXI
Description  2-Mbit (128K x 16) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1011CV33-12AXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1011CV33-12AXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1011CV33-12AXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1011CV33-12AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1011CV33-12AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1011CV33-12AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1011CV33-12AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1011CV33-12AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1011CV33-12AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1011CV33-12AXI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CY7C1011CV33
Document Number: 38-05232 Rev. *F
Page 6 of 14
Switching Characteristics
Over the Operating Range [4]
Parameter
Description
-10
-12
-15
Unit
Min
Max
Min
Max
Min
Max
Read Cycle
tpower
[5]
VCC(Typical) to the First Access
1
1
1
μs
tRC
Read Cycle Time
10
12
15
ns
tAA
Address to Data Valid
10
12
15
ns
tOHA
Data Hold from Address Change
3
3
3
ns
tACE
CE LOW to Data Valid
10
12
15
ns
tDOE
OE LOW to Data Valid
5
6
7
ns
tLZOE
OE LOW to Low Z[6]
000
ns
tHZOE
OE HIGH to High Z[6, 7]
567
ns
tLZCE
CE LOW to Low Z[6]
333
ns
tHZCE
CE HIGH to High Z[6, 7]
567
ns
tPU
CE LOW to Power Up
0
0
0
ns
tPD
CE HIGH to Power Down
10
12
15
ns
tDBE
Byte Enable to Data Valid
5
6
7
ns
tLZBE
Byte Enable to Low Z
0
0
0
ns
tHZBE
Byte Disable to High Z
5
6
7
ns
Write Cycle[8, 9]
tWC
Write Cycle Time
10
12
15
ns
tSCE
CE LOW to Write End
7
8
10
ns
tAW
Address Setup to Write End
7
8
10
ns
tHA
Address Hold from Write End
0
0
0
ns
tSA
Address Setup to Write Start
0
0
0
ns
tPWE
WE Pulse Width
7
8
10
ns
tSD
Data Setup to Write End
5
6
7
ns
tHD
Data Hold from Write End
0
0
0
ns
tLZWE
WE HIGH to Low Z[6]
333
ns
tHZWE
WE LOW to High Z[6, 7]
567
ns
tBW
Byte Enable to End of Write
7
8
10
ns
Notes
4. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, and input pulse levels of 0 to 3.0V.
5. tPOWER gives the minimum amount of time that the power supply is at typical VCC values until the first memory access is performed.
6. At any temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any device.
7. tHZOE, tHZBE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (d) of “AC Test Loads and Waveforms” on page 5. Transition is measured ±500
mV from steady state voltage.
8. The internal write time of the memory is defined by the overlap of CE LOW, WE LOW, and BHE/BLE LOW. CE, WE, and BHE/BLE must be LOW to initiate a write.
The transition of these signals terminate the write. The input data setup and hold timing is referenced to the leading edge of the signal that terminates the write.
9. The minimum write cycle time for Write Cycle No. 3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.
[+] Feedback


Similar Part No. - CY7C1011CV33-12AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1011CV33-12AXI CYPRESS-CY7C1011CV33-12AXI Datasheet
368Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33-12AXI CYPRESS-CY7C1011CV33-12AXI Datasheet
461Kb / 13P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33-12AXI CYPRESS-CY7C1011CV33-12AXI Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33-12AXI CYPRESS-CY7C1011CV33-12AXI Datasheet
525Kb / 17P
   2-Mbit (128 K 횞 16) Static RAM 360 mW (max) (Industrial and Automotive-A)
CY7C1011CV33-12AXIT CYPRESS-CY7C1011CV33-12AXIT Datasheet
510Kb / 16P
   2-Mbit (128 K 횞 16) Static RAM
More results

Similar Description - CY7C1011CV33-12AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com