Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1011CV33-12AXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1011CV33-12AXI
Description  2-Mbit (128K x 16) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1011CV33-12AXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1011CV33-12AXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1011CV33-12AXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1011CV33-12AXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1011CV33-12AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1011CV33-12AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1011CV33-12AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1011CV33-12AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1011CV33-12AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1011CV33-12AXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CY7C1011CV33
Document Number: 38-05232 Rev. *F
Page 5 of 14
Capacitance
Tested initially and after any design or process changes that may affect these parameters.
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz, VCC = 3.3V
8
pF
COUT
Output Capacitance
8pF
Thermal Resistance
Tested initially and after any design or process changes that may affect these parameters.
Parameter
Description
Test Conditions
TSOP II
TQFP
FBGA
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Still Air, soldered on a 3 × 4.5 inch,
four-layer printed circuit board
44.56
42.66
46.98
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
10.75
14.64
9.63
°C/W
AC Test Loads and Waveforms
Figure 4. AC Test Loads and Waveforms [3]
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
3.3V
OUTPUT
30 pF*
* CAPACITIVE LOAD CONSISTS
OF ALL COMPONENTS OF THE
TEST ENVIRONMENT
(b)
R 317
Ω
R2
351
Ω
Rise Time: 1 V/ns
Fall Time: 1 V/ns
30 pF*
OUTPUT
Z = 50
Ω
50
Ω
1.5V
(c)
(a)
3.3V
OUTPUT
5 pF
(d)
R 317
Ω
R2
351
Ω
10-ns devices:
12-, 15-ns devices:
High-Z characteristics:
Note
3. AC characteristics (except High-Z) for 10-ns parts are tested using the load conditions shown in Figure 4 (a). All other speeds are tested using the Thevenin load shown
in Figure 4 (b). High-Z characteristics are tested for all speeds using the test load shown in Figure 4 (d).
[+] Feedback


Similar Part No. - CY7C1011CV33-12AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1011CV33-12AXI CYPRESS-CY7C1011CV33-12AXI Datasheet
368Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33-12AXI CYPRESS-CY7C1011CV33-12AXI Datasheet
461Kb / 13P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33-12AXI CYPRESS-CY7C1011CV33-12AXI Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33-12AXI CYPRESS-CY7C1011CV33-12AXI Datasheet
525Kb / 17P
   2-Mbit (128 K 횞 16) Static RAM 360 mW (max) (Industrial and Automotive-A)
CY7C1011CV33-12AXIT CYPRESS-CY7C1011CV33-12AXIT Datasheet
510Kb / 16P
   2-Mbit (128 K 횞 16) Static RAM
More results

Similar Description - CY7C1011CV33-12AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com