Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C142-35DMB Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C142-35DMB
Description  2K x 8 Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C142-35DMB Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C142-35DMB Datasheet HTML 1Page - Cypress Semiconductor CY7C142-35DMB Datasheet HTML 2Page - Cypress Semiconductor CY7C142-35DMB Datasheet HTML 3Page - Cypress Semiconductor CY7C142-35DMB Datasheet HTML 4Page - Cypress Semiconductor CY7C142-35DMB Datasheet HTML 5Page - Cypress Semiconductor CY7C142-35DMB Datasheet HTML 6Page - Cypress Semiconductor CY7C142-35DMB Datasheet HTML 7Page - Cypress Semiconductor CY7C142-35DMB Datasheet HTML 8Page - Cypress Semiconductor CY7C142-35DMB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
2K x 8 Dual-Port Static RAM
CY7C132/CY7C136
CY7C142/CY7C146
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-06031 Rev. *C
Revised September 1, 2005
Features
• True Dual-Ported memory cells which allow simulta-
neous reads of the same memory location
• 2K x 8 organization
• 0.65-micron CMOS for optimum speed/power
• High-speed access: 15 ns
• Low operating power: ICC = 110 mA (max.)
• Fully asynchronous operation
• Automatic power-down
• Master CY7C132/CY7C136 easily expands data bus
width to 16 or more bits using slave CY7C142/CY7C146
• BUSY output flag on CY7C132/CY7C136; BUSY input
on CY7C142/CY7C146
•INT flag for port-to-port communication (52-pin
PLCC/PQFP versions)
• Available in 48-pin DIP (CY7C132/142), 52-pin PLCC and
52-pin TQFP (CY7C136/146)
• Pb-Free packages available
Functional Description
The CY7C132/CY7C136/CY7C142 and CY7C146 are
high-speed CMOS 2K by 8 dual-port static RAMs. Two ports
are provided to permit independent access to any location in
memory. The CY7C132/ CY7C136 can be utilized as either a
standalone 8-bit dual-port static RAM or as a MASTER
dual-port RAM in conjunction with the CY7C142/CY7C146
SLAVE dual-port device in systems requiring 16-bit or greater
word widths. It is the solution to applications requiring shared
or buffered data such as cache memory for DSP, bit-slice, or
multiprocessor designs.
Each port has independent control pins; chip enable (CE),
write enable (R/W), and output enable (OE). BUSY flags are
provided on each port. In addition, an interrupt flag (INT) is
provided on each port of the 52-pin PLCC version. BUSY
signals that the port is trying to access the same location
currently being accessed by the other port. On the PLCC
version, INT is an interrupt flag indicating that data has been
placed in a unique location (7FF for the left port and 7FE for
the right port).
An automatic power-down feature is controlled independently
on each port by the chip enable (CE) pins.
The CY7C132/CY7C142 are available in 48-pin DIP. The
CY7C136/CY7C146 are available in 52-pin PLCC and PQFP.
Notes:
1. CY7C132/CY7C136 (Master): BUSY is open drain output and requires pull-up resistor.
CY7C142/CY7C146 (Slave): BUSY is input.
2. Open drain outputs; pull-up resistor required.
Logic Block Diagram
Pin Configuration
13
14
15
16
17
18
19
20
21
22
23
26
27
28
32
31
30
29
33
36
35
34
24
25
GND
R/WL
BUSYL
CEL
OEL
A 10L
A 0L
A 0R
A 10R
R/WR
CER
OER
CER
OER
CEL
OEL
R/WL
R/WR
I/O7L
I/O0L
I/O7R
I/O0R
BUSYR
INTL
INTR
ARBITRATION
LOGIC
(7C132/7C136 ONLY)
AND
INTERRUPTLOGIC
(7C136/7C146 ONLY)
CONTROL
I/O
CONTROL
I/O
MEMORY
ARRAY
ADDRESS
DECODER
ADDRESS
DECODER
1
2
3
4
5
6
7
8
9
10
11
38
39
40
44
43
42
41
45
48
47
46
12
37
R/WL
CEL
BUSYL
A10L
OEL
A0L
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
I/O2L
I/O3L
I/O4L
I/O5L
I/O6L
I/O7L
CER
R/WR
BUSYR
A10R
OER
A0R
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
I/O7R
I/O6R
I/O5R
I/O4R
I/O3R
I/O2R
I/O1R
I/O0R
VCC
DIP
Top View
7C132
7C142
[1]
[2]
[2]
[1]


Similar Part No. - CY7C142-35DMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C142-35DMB CYPRESS-CY7C142-35DMB Datasheet
339Kb / 18P
   2Kx8 Dual-Port Static RAM
More results

Similar Description - CY7C142-35DMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_12 Datasheet
364Kb / 17P
   2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_09 Datasheet
468Kb / 15P
   2K x 8 Dual-Port Static RAM
CG5982AF CYPRESS-CG5982AF Datasheet
215Kb / 12P
   2K x 8 Automotive Dual-port Static RAM
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com