Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1392U-33+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1392U-33+
Description  Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1392U-33+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1392U-33+ Datasheet HTML 5Page - Maxim Integrated Products DS1392U-33+ Datasheet HTML 6Page - Maxim Integrated Products DS1392U-33+ Datasheet HTML 7Page - Maxim Integrated Products DS1392U-33+ Datasheet HTML 8Page - Maxim Integrated Products DS1392U-33+ Datasheet HTML 9Page - Maxim Integrated Products DS1392U-33+ Datasheet HTML 10Page - Maxim Integrated Products DS1392U-33+ Datasheet HTML 11Page - Maxim Integrated Products DS1392U-33+ Datasheet HTML 12Page - Maxim Integrated Products DS1392U-33+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Low-Voltage SPI/3-Wire RTCs with
Trickle Charger
_____________________________________________________________________
9
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
IBACKUP vs. VBACKUP, BBSQ1 = 0
VBACKUP (V)
4.5 4.9
4.1
3.3 3.7
2.9
2.5
2.1
1.7
350
400
450
500
550
600
300
1.3
5.3
VCC= 0
IBACKUP vs. VBACKUP, BBSQ1 = 1
VBACKUP (V)
5.3
4.9
4.1 4.5
2.1 2.5 2.9 3.3 3.7
1.7
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
300
1.3
VCC = 0V
IBACKUP vs. TEMPERATURE
VBACKUP = 3.0V
TEMPERATURE (
°C)
80
60
40
20
0
-20
300
400
350
450
500
550
600
250
-40
VCC = 0V
OSCILLATOR FREQUENCY
vs. SUPPLY VOLTAGE
SUPPLY (V)
5.3
4.8
4.3
3.8
3.3
2.8
2.3
1.8
32767.85
32767.90
32767.95
32768.00
32767.80
1.3


Similar Part No. - DS1392U-33+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1392U-33++ MAXIM-DS1392U-33+ Datasheet
388Kb / 26P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 3; 8/09
More results

Similar Description - DS1392U-33+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1390 MAXIM-DS1390 Datasheet
742Kb / 24P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 0; 7/04
DS1390 MAXIM-DS1390_09 Datasheet
388Kb / 26P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 3; 8/09
DS12R885 MAXIM-DS12R885_10 Datasheet
342Kb / 23P
   RTCs with Constant-Voltage Trickle Charger
Rev 6; 4/10
DS1343_1112 MAXIM-DS1343_1112 Datasheet
1Mb / 20P
   Low-Current SPI/3-Wire RTCs
Rev 1; 12/11
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1343 MAXIM-DS1343 Datasheet
1Mb / 20P
   Low-Current SPI/3-Wire RTCs Low Timekeeping Current of 250nA (typ)
Rev 0; 3/11
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com