Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C145-55AI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C145-55AI
Description  8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C145-55AI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C145-55AI Datasheet HTML 1Page - Cypress Semiconductor CY7C145-55AI Datasheet HTML 2Page - Cypress Semiconductor CY7C145-55AI Datasheet HTML 3Page - Cypress Semiconductor CY7C145-55AI Datasheet HTML 4Page - Cypress Semiconductor CY7C145-55AI Datasheet HTML 5Page - Cypress Semiconductor CY7C145-55AI Datasheet HTML 6Page - Cypress Semiconductor CY7C145-55AI Datasheet HTML 7Page - Cypress Semiconductor CY7C145-55AI Datasheet HTML 8Page - Cypress Semiconductor CY7C145-55AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CY7C144
CY7C145
Document #: 38-06034 Rev. *C
Page 3 of 20
Pin Configurations (continued)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
17
16
18
19
20
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
44
45
43
42
41
80-Pin TQFP
Top View
/O 2L
/O 3L
/O 4L
/O 5L
/O 6L
/O 7L
VCC
GND
/O0R
/O1R
2R
O 3R
O 4R
5R
GND
V CC
A5L
A4L
A3L
A2L
A1L
A0L
GND
BUSYL
M/S
A0R
A1R
A2R
A3R
A4R
INTL
O 6R
CY7C145
BUSYR
INTR
NC
NC
NC
NC
NC
/O
O
NC
Pin Definitions
Left Port
Right Port
Description
I/O0L−7L(8L) I/O0R−7R(8R) Data bus Input/Output
A0L−12L
A0R−12R
Address Lines
CEL
CER
Chip Enable
OEL
OER
Output Enable
R/WL
R/WR
Read/Write Enable
SEML
SEMR
Semaphore Enable. When asserted LOW, allows access to eight semaphores. The three least signif-
icant bits of the address lines will determine which semaphore to write or read. The I/O0 pin is used
when writing to a semaphore. Semaphores are requested by writing a 0 into the respective location.
INTL
INTR
Interrupt Flag. INTL is set when right port writes location 1FFE and is cleared when left port reads
location 1FFE. INTR is set when left port writes location 1FFF and is cleared when right port reads
location 1FFF.
BUSYL
BUSYR
Busy Flag
M/S
Master or Slave Select
VCC
Power
GND
Ground
Selection Guide
7C144-15
7C145-15
7C144-25
7C145-25
7C144-35
7C145-35
7C144-55
7C145-55
Unit
Maximum Access Time
15
25
35
55
ns
Maximum Operating Current
220
180
160
160
mA
Maximum Standby Current for ISB1
60
40
30
30
mA


Similar Part No. - CY7C145-55AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C145-55AI CYPRESS-CY7C145-55AI Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C145-55AI CYPRESS-CY7C145-55AI Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
More results

Similar Description - CY7C145-55AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C144 CYPRESS-CY7C144_09 Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144E CYPRESS-CY7C144E Datasheet
557Kb / 23P
   8K 횞 8 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C006 CYPRESS-CY7C006 Datasheet
321Kb / 16P
   16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7B139 CYPRESS-CY7B139 Datasheet
530Kb / 14P
   4K x8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024A CYPRESS-CY7C024A Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024_09 Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com