Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C374I-83JC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C374I-83JC
Description  UltraLogic??128-Macrocell Flash CPLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C374I-83JC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C374I-83JC Datasheet HTML 1Page - Cypress Semiconductor CY7C374I-83JC Datasheet HTML 2Page - Cypress Semiconductor CY7C374I-83JC Datasheet HTML 3Page - Cypress Semiconductor CY7C374I-83JC Datasheet HTML 4Page - Cypress Semiconductor CY7C374I-83JC Datasheet HTML 5Page - Cypress Semiconductor CY7C374I-83JC Datasheet HTML 6Page - Cypress Semiconductor CY7C374I-83JC Datasheet HTML 7Page - Cypress Semiconductor CY7C374I-83JC Datasheet HTML 8Page - Cypress Semiconductor CY7C374I-83JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
USE ULTRA37000™ FOR
ALL NEW DESIGNS
CY7C374i
Document #: 38-03031 Rev. *A
Page 4 of 15
Functional Description
The logic blocks in the FLASH370i architecture are connected
with an extremely fast and predictable routing resource—the
Programmable Interconnect Matrix (PIM). The PIM brings
flexibility, routability, speed, and a uniform delay to the inter-
connect.
Like all members of the FLASH370i family, the CY7C374i is rich
in I/O resources. Every two macrocells in the device feature
an associated I/O pin, resulting in 64 I/O pins on the
CY7C374i. In addition, there is one dedicated input and four
input/clock pins.
Finally, the CY7C374i features a very simple timing model.
Unlike other high-density CPLD architectures, there are no
hidden speed delays such as fanout effects, interconnect
delays, or expander delays. Regardless of the number of
resources used or the type of application, the timing param-
eters on the CY7C374i remain the same.
Logic Block
The number of logic blocks distinguishes the members of the
FLASH370i family. The CY7C374i includes eight logic blocks.
Each logic block is constructed of a product term array, a
product term allocator, and 16 macrocells.
Product Term Array
The product term array in the FLASH370i logic block includes
36 inputs from the PIM and outputs 86 product terms to the
product term allocator. The 36 inputs from the PIM are
available in both positive and negative polarity, making the
overall array size 72 x 86. This large array in each logic block
allows for very complex functions to be implemented in single
passes through the device.
Product Term Allocator
The product term allocator is a dynamic, configurable resource
that shifts product terms to macrocells that require them. Any
number of product terms between 0 and 16 inclusive can be
assigned to any of the logic block macrocells (this is called
product term steering). Furthermore, product terms can be
shared among multiple macrocells. This means that product
terms that are common to more than one output can be imple-
mented in a single product term. Product term steering and
product term sharing help to increase the effective density of
the FLASH370i CPLDs. Note that product term allocation is
handled by software and is invisible to the user.
I/O Macrocell
Half of the macrocells on the CY7C374i have I/O pins
associated with them. The input to the macrocell is the sum of
between 0 and 16 product terms from the product term
allocator. The I/O macrocell includes a register that can be
optionally bypassed, polarity control over the input sum-term,
and two global clocks to trigger the register. The macrocell
also features a separate feedback path to the PIM so that the
register can be buried if the I/O pin is used as an input.
Buried Macrocell
The buried macrocell is very similar to the I/O macrocell.
Again, it includes a register that can be configured as combi-
natorial, as a D flip-flop, a T flip-flop, or a latch. The clock for
this register has the same options as described for the I/O
macrocell. One difference on the buried macrocell is the
addition of input register capability. The user can program the
buried macrocell to act as an input register (D-type or latch)
whose input comes from the I/O pin associated with the neigh-
boring macrocell. The output of all buried macrocells is sent
directly to the PIM regardless of its configuration.
Programmable Interconnect Matrix
The Programmable Interconnect Matrix (PIM) connects the
eight logic blocks on the CY7C374i to the inputs and to each
other. All inputs (including feedbacks) travel through the PIM.
There is no speed penalty incurred by signals traversing the
PIM.
Programming
For an overview of ISR programming, refer to the FLASH370i
Family data sheet and for ISR cable and software specifica-
tions, refer to ISR data sheets. For a detailed description of
ISR capabilities, refer to the Cypress application note, “An
Introduction to In System Reprogramming with FLASH370i.”
PCI Compliance
The FLASH370i family of CMOS CPLDs are fully compliant with
the PCI Local Bus Specification published by the PCI Special
Interest Group. The simple and predictable timing model of
FLASH370i ensures compliance with the PCI AC specifications
independent of the design. On the other hand, in CPLD and
FPGA architectures without simple and predictable timing, PCI
compliance is dependent upon routing and product term distri-
bution.
3.3V or 5.0V I/O Operation
The FLASH370i family can be configured to operate in both
3.3V and 5.0V systems. All devices have two sets of VCC pins:
one set, VCCINT, for internal operation and input buffers, and
another set, VCCIO, for I/O output drivers. VCCINT pins must
always be connected to a 5.0V power supply. However, the
VCCIO pins may be connected to either a 3.3V or 5.0V power
supply, depending on the output requirements. When VCCIO
pins are connected to a 5.0V source, the I/O voltage levels are
compatible with 5.0V systems. When VCCIO pins are
connected to a 3.3V source, the input voltage levels are
compatible with both 5.0V and 3.3V systems, while the output
voltage levels are compatible with 3.3V systems. There will be
an additional timing delay on all output buffers when operating
in 3.3V I/O mode. The added flexibility of 3.3V I/O capability is
available in commercial and industrial temperature ranges.
Bus Hold Capabilities on all I/Os and Dedicated Inputs
In addition to ISR capability, a new feature called bus-hold has
been added to all FLASH370i I/Os and dedicated input pins.
Bus-hold, which is an improved version of the popular internal
pull-up resistor, is a weak latch connected to the pin that does
not degrade the device’s performance. As a latch, bus-hold
recalls the last state of a pin when it is three-stated, thus
reducing system noise in bus-interface applications. Bus-hold
additionally allows unused device pins to remain unconnected
on the board, which is particularly useful during prototyping as
designers can route new signals to the device without cutting
trace connections to VCC or GND.
Design Tools
Development software for the CY7C371i is available from
Cypress’s Warp™, Warp Professional™, and Warp Enter-
prise™ software packages. Please refer to the data sheets on
these products for more details. Cypress also actively
supports almost all third-party design tools. Please refer to
third-party tool support for further information.


Similar Part No. - CY7C374I-83JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C374I-83JC CYPRESS-CY7C374I-83JC Datasheet
274Kb / 13P
   UltraLogic 128-Macrocell Flash CPLD
More results

Similar Description - CY7C374I-83JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C374I CYPRESS-CY7C374I Datasheet
274Kb / 13P
   UltraLogic 128-Macrocell Flash CPLD
CY7C375I CYPRESS-CY7C375I Datasheet
431Kb / 17P
   UltraLogic 128-Macrocell Flash CPLD
CY7C371I CYPRESS-CY7C371I Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
183Kb / 12P
   UltraLogic 64-Macrocell Flash CPLD
CY7C372I CYPRESS-CY7C372I Datasheet
176Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C372I-66YMB CYPRESS-CY7C372I-66YMB Datasheet
165Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C371 CYPRESS-CY7C371 Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
41Kb / 1P
   UltraLogic??64-Macrocell Flash CPLD
logo
Xilinx, Inc
XCR3128 XILINX-XCR3128 Datasheet
143Kb / 18P
   XCR3128: 128 Macrocell CPLD
XCR3128XL XILINX-XCR3128XL Datasheet
91Kb / 10P
   Lowest power 128 macrocell CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com