Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C374I Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C374I
Description  UltraLogic??128-Macrocell Flash CPLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C374I Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C374I Datasheet HTML 4Page - Cypress Semiconductor CY7C374I Datasheet HTML 5Page - Cypress Semiconductor CY7C374I Datasheet HTML 6Page - Cypress Semiconductor CY7C374I Datasheet HTML 7Page - Cypress Semiconductor CY7C374I Datasheet HTML 8Page - Cypress Semiconductor CY7C374I Datasheet HTML 9Page - Cypress Semiconductor CY7C374I Datasheet HTML 10Page - Cypress Semiconductor CY7C374I Datasheet HTML 11Page - Cypress Semiconductor CY7C374I Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
USE ULTRA37000™ FOR
ALL NEW DESIGNS
CY7C374i
Document #: 38-03031 Rev. *A
Page 8 of 15
Reset/Preset Parameters
tRW
Asynchronous Reset Width[9]
10
12
15
20
ns
tRR
Asynchronous Reset Recovery Time[9]
12
14
17
22
ns
tRO
Asynchronous Reset to Output[1]
16
18
21
26
ns
tPW
Asynchronous Preset Width[9]
10
12
15
20
ns
tPR
Asynchronous Preset Recovery Time[9]
12
14
17
22
ns
tPO
Asynchronous Preset to Output[1]
16
18
21
26
ns
Tap Controller Parameter
fTAP
Tap Controller Frequency
500
500
500
500
kHz
3.3V I/O Mode Parameters
t3.3IO
3.3V I/O mode timing adder
1
1
1
1
ns
Switching Characteristics Over the Operating Range (continued)[14]
Parameter
Description
7C374i–125
7C374i–100
7C374i–83
7C374iL–83
7C374i–66
7C374iL–66
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Switching Waveforms
Combinatorial Output
tPD
INPUT
COMBINATORIAL
OUTPUT
Registered Output
tS
INPUT
CLOCK
tCO
REGISTERED
OUTPUT
tH
CLOCK
tWL
tWH
Latched Output
tS
INPUT
LATCH ENABLE
tCO
LATCHED
OUTPUT
tH
tPDL


Similar Part No. - CY7C374I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C374I CYPRESS-CY7C374I Datasheet
274Kb / 13P
   UltraLogic 128-Macrocell Flash CPLD
CY7C374I-100AC CYPRESS-CY7C374I-100AC Datasheet
274Kb / 13P
   UltraLogic 128-Macrocell Flash CPLD
CY7C374I-100JC CYPRESS-CY7C374I-100JC Datasheet
274Kb / 13P
   UltraLogic 128-Macrocell Flash CPLD
CY7C374I-125AC CYPRESS-CY7C374I-125AC Datasheet
274Kb / 13P
   UltraLogic 128-Macrocell Flash CPLD
CY7C374I-125JC CYPRESS-CY7C374I-125JC Datasheet
274Kb / 13P
   UltraLogic 128-Macrocell Flash CPLD
More results

Similar Description - CY7C374I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C374I CYPRESS-CY7C374I Datasheet
274Kb / 13P
   UltraLogic 128-Macrocell Flash CPLD
CY7C375I CYPRESS-CY7C375I Datasheet
431Kb / 17P
   UltraLogic 128-Macrocell Flash CPLD
CY7C371I CYPRESS-CY7C371I Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
183Kb / 12P
   UltraLogic 64-Macrocell Flash CPLD
CY7C372I CYPRESS-CY7C372I Datasheet
176Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C372I-66YMB CYPRESS-CY7C372I-66YMB Datasheet
165Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C371 CYPRESS-CY7C371 Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
41Kb / 1P
   UltraLogic??64-Macrocell Flash CPLD
logo
Xilinx, Inc
XCR3128 XILINX-XCR3128 Datasheet
143Kb / 18P
   XCR3128: 128 Macrocell CPLD
XCR3128XL XILINX-XCR3128XL Datasheet
91Kb / 10P
   Lowest power 128 macrocell CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com