Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1340Z-18+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1340Z-18+
Description  I2C RTC with Trickle Charger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1340Z-18+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1340Z-18+ Datasheet HTML 3Page - Maxim Integrated Products DS1340Z-18+ Datasheet HTML 4Page - Maxim Integrated Products DS1340Z-18+ Datasheet HTML 5Page - Maxim Integrated Products DS1340Z-18+ Datasheet HTML 6Page - Maxim Integrated Products DS1340Z-18+ Datasheet HTML 7Page - Maxim Integrated Products DS1340Z-18+ Datasheet HTML 8Page - Maxim Integrated Products DS1340Z-18+ Datasheet HTML 9Page - Maxim Integrated Products DS1340Z-18+ Datasheet HTML 10Page - Maxim Integrated Products DS1340Z-18+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Oscillator Circuit
The DS1340 uses an external 32.768kHz crystal. The
oscillator circuit does not require any external resistors
or capacitors to operate. Table 2 specifies several crys-
tal parameters for the external crystal. Figure 3 shows a
functional schematic of the oscillator circuit. If using a
crystal with the specified characteristics, the startup
time is usually less than one second.
Clock Accuracy
The initial clock accuracy depends on the accuracy of
the crystal and the accuracy of the match between the
capacitive load of the oscillator circuit and the capaci-
tive load for which the crystal was trimmed. Additional
error is added by crystal frequency drift caused by
temperature shifts. External circuit noise coupled into
the oscillator circuit can result in the clock running fast.
Figure 4 shows a typical PC board layout for isolating
the crystal and oscillator from noise. Refer to
Application Note 58: Crystal Considerations with Dallas
Real-Time Clocks (www.maxim-ic.com/RTCapps) for
detailed information.
DS1340C Only
The DS1340C integrates a standard 32,768Hz crystal
into the package. Typical accuracy with nominal VCC
and +25°C is approximately +15ppm. Refer to
Application Note 58 for information about crystal accu-
racy vs. temperature.
Operation
The DS1340 operates as a slave device on the serial
bus. Access is obtained by implementing a START
condition and providing a device identification code fol-
lowed by data. Subsequent registers can be accessed
sequentially until a STOP condition is executed. The
device is fully accessible and data can be written and
read when VCC is greater than VPF. However, when
VCC falls below VPF, the internal clock registers are
blocked from any access. If VPF is less than VBACKUP,
the device power is switched from VCC to VBACKUP
when VCC drops below VPF. If VPF is greater than
VBACKUP, the device power is switched from VCC to
VBACKUP when VCC drops below VBACKUP. The regis-
ters are maintained from the VBACKUP source until VCC
is returned to nominal levels. The functional diagram
(Figure 5) shows the main elements of the serial RTC.
I2C RTC with Trickle Charger
_____________________________________________________________________
7
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Nominal
Frequency
fO
32.768
kHz
Series Resistance
ESR
45,60**
kΩ
Load Capacitance
CL
12.5
pF
Table 2. Crystal Specifications*
*The crystal, traces, and crystal input pins should be isolated
from RF generating signals. Refer to Application Note 58:
Crystal Considerations for Dallas Real-Time Clocks for addi-
tional specifications.
**A crystal with up to 60kΩ ESR can be used if the minimum
operating voltages on both VCC and VBACKUP are at least 2.0V.
COUNTDOWN
CHAIN
RTC
X1
X2
CL1
CL2
CRYSTAL
RTC
REGISTERS
Figure 3. Oscillator Circuit Showing Internal Bias Network
CRYSTAL
X1
X2
GND
LOCAL GROUND PLANE (LAYER 2)
Figure 4. Layout Example
SERIAL BUS
INTERFACE
AND ADDRESS
REGISTER
OSCILLATOR
CONTROL
LOGIC
X2
"C" VERSION ONLY
SCL
SDA
512Hz
MUX/BUFFER
FT/OUT
USER BUFFER
(7 BYTES)
CLOCK AND
CALENDAR
REGISTERS
32,768Hz
1Hz
X1
POWER
CONTROL
VCC
VBACKUP
DIVIDER AND
CALIBRATION
CIRCUIT
DS1340
Figure 5. Functional Diagram


Similar Part No. - DS1340Z-18+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340Z-18++ MAXIM-DS1340Z-18+ Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
More results

Similar Description - DS1340Z-18+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS1388 MAXIM-DS1388 Datasheet
381Kb / 18P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 0; 4/05
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com