Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1339U-3+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS1339U-3+
Description  I2C Serial Real-Time Clock
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1339U-3+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS1339U-3+ Datasheet HTML 7Page - Maxim Integrated Products DS1339U-3+ Datasheet HTML 8Page - Maxim Integrated Products DS1339U-3+ Datasheet HTML 9Page - Maxim Integrated Products DS1339U-3+ Datasheet HTML 10Page - Maxim Integrated Products DS1339U-3+ Datasheet HTML 11Page - Maxim Integrated Products DS1339U-3+ Datasheet HTML 12Page - Maxim Integrated Products DS1339U-3+ Datasheet HTML 13Page - Maxim Integrated Products DS1339U-3+ Datasheet HTML 14Page - Maxim Integrated Products DS1339U-3+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DS1339 I
2C Serial Real-Time Clock
ADDRESS MAP
Table 3 shows the address map for the DS1339 registers. During a multibyte access, when the address pointer
reaches the end of the register space (10h), it wraps around to location 00h. On an I
2C START, STOP, or address
pointer incrementing to location 00h, the current time is transferred to a second set of registers. The time
information is read from these secondary registers, while the clock may continue to run. This eliminates the need
to re-read the registers in case of an update of the main registers during a read.
Table 3. Timekeeper Registers
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
FUNCTION
RANGE
00H
0
10 Seconds
Seconds
Seconds
00–59
01H
0
10 Minutes
Minutes
Minutes
00–59
AM/PM
02H
0
12/
24
10 Hour
10 Hour
Hour
Hours
1–12
+AM/PM
00–23
03H
0
0
0
0
0
Day
Day
1–7
04H
0
0
10 Date
Date
Date
01–31
05H
Century
0
0
10
Month
Month
Month/
Century
01–12 +
Century
06H
10 Year
Year
Year
00–99
07H
A1M1
10 Seconds
Seconds
Alarm 1
Seconds
00–59
08H
A1M2
10 Minutes
Minutes
Alarm 1
Minutes
00–59
AM/PM
09H
A1M3
12/
24
10 Hour
10 Hour
Hour
Alarm 1
Hours
1–12 +
AM/PM
00–23
0AH
A1M4
DY/DT
10 Date
Day, Date
Alarm 1
Day,
Alarm 1
Date
1-7, 1-31
0BH
A2M2
10 Minutes
Minutes
Alarm 2
Minutes
00–59
AM/PM
0CH
A2M3
12/
24
10 Hour
10 Hour
Hour
Alarm 2
Hours
1–12 +
AM/PM
00–23
0DH
A2M4
DY/
DT
10 Date
Day, Date
Alarm 2
Day,
Alarm 2
Date
1–7, 1–31
0EH
EOSC
0
BBSQI
RS2
RS1
INTCN
A2IE
A1IE
Control
0FH
OSF
0
0
0
0
0
A2F
A1F
Status
10H
TCS3
TCS2
TCS1
TCS0
DS1
DS0
ROUT1
ROUT0
Trickle
Charger
Note: Unless otherwise specified, the state of the registers are not defined when power is first applied or when VCC and VBACKUP falls below the
VBACKUP(MIN).
11 of 19


Similar Part No. - DS1339U-3+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1339U-3++ DALLAS-DS1339U-3+ Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1339U-3++ MAXIM-DS1339U-3+ Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock Trickle-Charge Capability
Rev 4/11
More results

Similar Description - DS1339U-3+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
DS1337 MAXIM-DS1337_06 Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Integrated Device Techn...
IDT1339 IDT-IDT1339 Datasheet
362Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
1337CSRI IDT-1337CSRI Datasheet
368Kb / 24P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
logo
Maxim Integrated Produc...
DS1339A MAXIM-DS1339A_13 Datasheet
580Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 1; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com