Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C199L-15ZXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C199L-15ZXC
Description  32K x 8 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199L-15ZXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C199L-15ZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C199L-15ZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C199L-15ZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C199L-15ZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C199L-15ZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C199L-15ZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C199L-15ZXC Datasheet HTML 9Page - Cypress Semiconductor CY7C199L-15ZXC Datasheet HTML 10Page - Cypress Semiconductor CY7C199L-15ZXC Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CY7C199
Document #: 38-05160 Rev. *B
Page 9 of 11
Package Diagrams
DIMENSIONS IN INCHES [MM] MIN.
MAX.
SEATING PLANE
0.260[6.60]
0.295[7.49]
0.090[2.28]
0.110[2.79]
0.055[1.39]
0.065[1.65]
0.015[0.38]
0.020[0.50]
0.015[0.38]
0.060[1.52]
0.120[3.05]
0.140[3.55]
0.009[0.23]
0.012[0.30]
0.310[7.87]
0.385[9.78]
0.290[7.36]
0.325[8.25]
0.030[0.76]
0.080[2.03]
0.115[2.92]
0.160[4.06]
0.140[3.55]
0.190[4.82]
1.345[34.16]
1.385[35.18]
3° MIN.
1
14
15
28
REFERENCE JEDEC MO-095
LEAD END OPTION
SEE LEAD END OPTION
SEE LEAD END OPTION
(LEAD #1, 14, 15 & 28)
PACKAGE WEIGHT: 2.15 gms
28-pin (300-Mil) PDIP (51-85014)
51-85014-*D


Similar Part No. - CY7C199L-15ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199L-15ZC CYPRESS-CY7C199L-15ZC Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199L-15ZC CYPRESS-CY7C199L-15ZC Datasheet
315Kb / 16P
   32K x 8 Static RAM
More results

Similar Description - CY7C199L-15ZXC

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com