Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C024-55JI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C024-55JI
Description  4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C024-55JI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C024-55JI Datasheet HTML 5Page - Cypress Semiconductor CY7C024-55JI Datasheet HTML 6Page - Cypress Semiconductor CY7C024-55JI Datasheet HTML 7Page - Cypress Semiconductor CY7C024-55JI Datasheet HTML 8Page - Cypress Semiconductor CY7C024-55JI Datasheet HTML 9Page - Cypress Semiconductor CY7C024-55JI Datasheet HTML 10Page - Cypress Semiconductor CY7C024-55JI Datasheet HTML 11Page - Cypress Semiconductor CY7C024-55JI Datasheet HTML 12Page - Cypress Semiconductor CY7C024-55JI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
CY7C024/0241
CY7C025/0251
Document #: 38-06035 Rev. *C
Page 9 of 21
Switching Characteristics Over the Operating Range [13]
Parameter
Description
7C024/0241–15
7C025/0251–15
7C024/0241–25
7C025/0251–25
7C024/0241–35
7C025/0251–35
7C024/0241–55
7C025/0251–55
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Read Cycle
tRC
Read Cycle Time
15
25
35
55
ns
tAA
Address to Data Valid
15
25
35
55
ns
tOHA
Output Hold From Address
Change
33
3
3
ns
tACE[14]
CE LOW to Data Valid
15
25
35
55
ns
tDOE
OE LOW to Data Valid
10
13
20
25
ns
tLZOE[15, 16, 17] OE Low to Low Z
3
3
3
3
ns
tHZOE[15,16, 17] OE HIGH to High Z
10
15
20
25
ns
tLZCE[15, 16, 17] CE LOW to Low Z
3
3
3
3
ns
tHZCE[15, 16, 17] CE HIGH to High Z
10
15
20
25
ns
tPU[17]
CE LOW to Power-Up
0
0
0
0
ns
tPD[17]
CE HIGH to Power-Down
15
25
25
55
ns
tABE[14]
Byte Enable Access Time
15
25
35
55
ns
Write Cycle
tWC
Write Cycle Time
15
25
35
55
ns
tSCE[14]
CE LOW to Write End
12
20
30
35
ns
tAW
Address Set-Up to Write End
12
20
30
35
ns
tHA
Address Hold From Write
End
00
0
0
ns
tSA[14]
Address Set-up to Write Start
0
0
0
0
ns
tPWE
Write Pulse Width
12
20
25
35
ns
tSD
Data Set-Up to Write End
10
15
15
20
ns
tHD
Data Hold From Write End
0
0
0
0
ns
tHZWE[16, 17]
R/W LOW to High Z
10
15
20
25
ns
tLZWE[16, 17]
R/W HIGH to Low Z
0
0
0
0
ns
tWDD[18]
Write Pulse to Data Delay
30
50
60
70
ns
tDDD[18]
Write Data Valid to Read
Data Valid
25
35
35
45
ns
Notes:
13. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOI/IOH and 30-pF load capacitance.
14. To access RAM, CE=L, UB=L, SEM=H. To access semaphore, CE=H and SEM=L. Either condition must be valid for the entire tSCE time.
15. At any given temperature and voltage condition for any given device, tHZCE is less than tLZCE and tHZOE is less than tLZOE.
16. Test conditions used are Load 3.
17. This parameter is guaranteed but not tested.
18. For information on port-to-port delay through RAM cells from writing port to reading port, refer to Read Timing with Busy waveform.


Similar Part No. - CY7C024-55JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024-55JI CYPRESS-CY7C024-55JI Datasheet
702Kb / 20P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024-55JI CYPRESS-CY7C024-55JI Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024-55JI CYPRESS-CY7C024-55JI Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
More results

Similar Description - CY7C024-55JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024A CYPRESS-CY7C024A Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024_09 Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024 Datasheet
702Kb / 20P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144 CYPRESS-CY7C144_09 Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com