Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C185D-12VXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C185D-12VXC
Description  64K (8K x 8) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C185D-12VXC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C185D-12VXC Datasheet HTML 1Page - Cypress Semiconductor CY7C185D-12VXC Datasheet HTML 2Page - Cypress Semiconductor CY7C185D-12VXC Datasheet HTML 3Page - Cypress Semiconductor CY7C185D-12VXC Datasheet HTML 4Page - Cypress Semiconductor CY7C185D-12VXC Datasheet HTML 5Page - Cypress Semiconductor CY7C185D-12VXC Datasheet HTML 6Page - Cypress Semiconductor CY7C185D-12VXC Datasheet HTML 7Page - Cypress Semiconductor CY7C185D-12VXC Datasheet HTML 8Page - Cypress Semiconductor CY7C185D-12VXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PRELIMINARY
CY7C185D
Document #: 38-05466 Rev. *C
Page 5 of 10
Write Cycle[9]
tWC
Write Cycle Time
10
12
15
ns
tSCE1
CE1 LOW to Write End
8
10
12
ns
tSCE2
CE2 HIGH to Write End
8
10
12
ns
tAW
Address Set-up to Write End
7
10
12
ns
tHA
Address Hold from Write End
0
0
0
ns
tSA
Address Set-up to Write Start
0
0
0
ns
tPWE
WE Pulse Width
7
10
12
ns
tSD
Data Set-up to Write End
6
7
8
ns
tHD
Data Hold from Write End
0
0
0
ns
tHZWE
WE LOW to High Z[7]
66
7
ns
tLZWE
WE HIGH to Low Z
3
3
3
ns
Switching Characteristics Over the Operating Range (continued)[6]
Parameter
Description
7C185D-10
7C185D-12
7C185D-15
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Data Retention Characteristics (Over the Operating Range)
Parameter
Description
Conditions
Min.
Max.
Unit
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current
Non-L, Com’l / Ind’l
VCC = VDR = 2.0V,
CE > VCC – 0.3V,
VIN > VCC – 0.3V or
VIN < 0.3V
3mA
L-Version Only
1.2
mA
tCDR
[4]
Chip Deselect to Data Retention Time
0
ns
tR
[10]
Operation Recovery Time
tRC
ns
Data Retention Waveform
Switching Waveforms
Read Cycle No.1[11,12]
Notes:
9. The internal write time of the memory is defined by the overlap of CE1 LOW, CE2 HIGH, and WE LOW. All 3 signals must be active to initiate a write and either
signal can terminate a write by going HIGH. The data input set-up and hold timing should be referenced to the rising edge of the signal that terminates the write.
10. Full device operation requires linear VCC ramp from VDR to VCC(min.) > 50 µs or stable at VCC(min.) > 50 µs.
11. Device is continuously selected. OE, CE1 = VIL. CE2 = VIH.
12. WE is HIGH for read cycle.
4.5V
4.5V
tCDR
VDR > 2V
DATA RETENTION MODE
tR
CE
VCC
ADDRESS
DATA OUT
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA


Similar Part No. - CY7C185D-12VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185 Datasheet
307Kb / 12P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185 Datasheet
200Kb / 11P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185 Datasheet
394Kb / 15P
   64-Kbit (8 K 횞 8) Static RAM CMOS for optimum speed/power
CY7C185-12PC CYPRESS-CY7C185-12PC Datasheet
197Kb / 11P
   8K x 8 Static RAM
More results

Similar Description - CY7C185D-12VXC

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
   CMOS 64K (8K x 8) Static RAM
LH5164AVH SHARP-LH5164AVH Datasheet
81Kb / 10P
   CMOS 64K (8K x 8) Static RAM
LH5268A SHARP-LH5268A Datasheet
91Kb / 10P
   CMOS 64K (8K x 8) Static RAM
logo
Renesas Technology Corp
7164S RENESAS-7164S Datasheet
213Kb / 12P
   CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S Datasheet
104Kb / 9P
   CMOS STATIC RAM 64K (8K x 8-BIT)
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com