Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C145AV-25JC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C145AV-25JC
Description  3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C145AV-25JC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C145AV-25JC Datasheet HTML 4Page - Cypress Semiconductor CY7C145AV-25JC Datasheet HTML 5Page - Cypress Semiconductor CY7C145AV-25JC Datasheet HTML 6Page - Cypress Semiconductor CY7C145AV-25JC Datasheet HTML 7Page - Cypress Semiconductor CY7C145AV-25JC Datasheet HTML 8Page - Cypress Semiconductor CY7C145AV-25JC Datasheet HTML 9Page - Cypress Semiconductor CY7C145AV-25JC Datasheet HTML 10Page - Cypress Semiconductor CY7C145AV-25JC Datasheet HTML 11Page - Cypress Semiconductor CY7C145AV-25JC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
CY7C138AV/144AV/006AV
CY7C139AV/145AV/016AV
CY7C007AV/017AV
Document #: 38-06051 Rev. *C
Page 8 of 20
.
AC Test Loads and Waveforms
3.0V
GND
90%
90%
10%
3ns
3 ns
10%
ALL INPUT PULSES
(a) Normal Load (Load 1)
R1 = 590
3.3V
OUTPUT
R2 = 435
C= 30 pF
VTH =1.4V
OUTPUT
C = 30 pF
(b) Thévenin Equivalent (Load 1)
(c) Three-State Delay(Load 2)
R1 = 590
R2 = 435
3.3V
OUTPUT
C= 5 pF
RTH = 250Ω
including scope and jig)
(Used for tLZ, tHZ, tHZWE & tLZWE
Switching Characteristics Over the Operating Range[15]
Parameter
Description
CY7C138AV/144AV/006AV
CY7C139AV/145AV/016AV
CY7C007AV/017AV
Unit
-20
-25
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
20
25
ns
tAA
Address to Data Valid
20
25
ns
tOHA
Output Hold From Address Change
3
3
ns
tACE[16]
CE LOW to Data Valid
20
25
ns
tDOE
OE LOW to Data Valid
12
13
ns
tLZOE[17, 18, 19]
OE Low to Low Z
3
3
ns
tHZOE[17, 18, 19]
OE HIGH to High Z
12
15
ns
tLZCE[17, 18, 19]
CE LOW to Low Z
3
3
ns
tHZCE[17, 18, 19]
CE HIGH to High Z
12
15
ns
tPU[19]
CE LOW to Power-Up
0
0
ns
tPD[19]
CE HIGH to Power-Down
20
25
ns
WRITE CYCLE
tWC
Write Cycle Time
20
25
ns
tSCE[16]
CE LOW to Write End
16
20
ns
tAW
Address Valid to Write End
16
20
ns
tHA
Address Hold From Write End
0
0
ns
tSA[16]
Address Set-Up to Write Start
0
0
ns
tPWE
Write Pulse Width
16
20
ns
tSD
Data Set-Up to Write End
12
15
ns
Notes:
15. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOI/IOH and 30-pF load capacitance.
16. To access RAM, CE=L, SEM=H. To access semaphore, CE=H and SEM=L. Either condition must be valid for the entire tSCE time.
17. At any given temperature and voltage condition for any given device, tHZCE is less than tLZCE and tHZOE is less than tLZOE.
18. Test conditions used are Load 3.
19. This parameter is guaranteed but not tested. For information on port-to-port delay through RAM cells from writing port to reading port, refer to Read Timing with
Busy waveform.


Similar Part No. - CY7C145AV-25JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C145 CYPRESS-CY7C145 Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C145-15AC CYPRESS-CY7C145-15AC Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C145-15AC CYPRESS-CY7C145-15AC Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C145-15AC CYPRESS-CY7C145-15AC Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
More results

Similar Description - CY7C145AV-25JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C144AV CYPRESS-CY7C144AV Datasheet
592Kb / 21P
   3.3V 8K/16K x 8 Dual-Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV_05 Datasheet
499Kb / 16P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV Datasheet
320Kb / 17P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024V CYPRESS-CY7C024V Datasheet
248Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_05 Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com