Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1286I Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1286I
Description  Watchdog Timekeepers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1286I Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1286I Datasheet HTML 1Page - Dallas Semiconductor DS1286I Datasheet HTML 2Page - Dallas Semiconductor DS1286I Datasheet HTML 3Page - Dallas Semiconductor DS1286I Datasheet HTML 4Page - Dallas Semiconductor DS1286I Datasheet HTML 5Page - Dallas Semiconductor DS1286I Datasheet HTML 6Page - Dallas Semiconductor DS1286I Datasheet HTML 7Page - Dallas Semiconductor DS1286I Datasheet HTML 8Page - Dallas Semiconductor DS1286I Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DS1284/DS1286
4 of 18
PIN
DIP
EDIP
PLCC
NAME
FUNCTION
28
28
28
VCC
Primary Power-Supply Input. When voltage is applied within
normal limits, the device is fully accessible and data can be
written and read. When a backup supply is connected to the
device and VCC is below VTP, read and writes are inhibited.
However, the timekeeping function continues unaffected by the
lower input voltage.
Figure 1. Block Diagram
Internal Registers
Internal Counters
Internal Registers
Oscillator
÷ 8
÷ 40.96
÷ 40.96
PF delay
÷ 10
Update seconds through
years and check time of
day alarm
User RAM
50 Bytes
Command
Register
External Registers,
clock, calendar,
time of day alarm
Power
Switch
÷ 4
Swap
pins
External
Registers
Hundredths of
Seconds
External
Registers
Watchdog Alarm
Internal Counters
Data I/O Buffers
A0-A5
CE
OE
WE
V
CC
V
BAT
SQW
INTA
INTB/
(INTB)
1024Hz
TD INT
WD INT
DS1286
only
100Hz
100Hz
DS1286 only
GND
DQ0–DQ7
DS1284/DS1286
X1
X2
P
N
N
V
CC
IBH


Similar Part No. - DS1286I

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1286 DALLAS-DS1286 Datasheet
234Kb / 13P
   Watchdog Timekeeper
logo
Maxim Integrated Produc...
DS1286 MAXIM-DS1286 Datasheet
305Kb / 18P
   Watchdog Timekeepers
REV: 032406
logo
ARTSCHIP ELECTRONICS CO...
DS1286 ARTSCHIP-DS1286 Datasheet
538Kb / 11P
   Watchdog Timekeeper
More results

Similar Description - DS1286I

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1286 MAXIM-DS1286 Datasheet
305Kb / 18P
   Watchdog Timekeepers
REV: 032406
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
logo
EM Microelectronic - MA...
H6006 EMMICRO-H6006 Datasheet
275Kb / 8P
   Failsafe Watchdog
logo
ATMEL Corporation
ATA6025 ATMEL-ATA6025 Datasheet
270Kb / 13P
   WATCHDOG IC
logo
Hitachi Semiconductor
HA1835P HITACHI-HA1835P Datasheet
59Kb / 13P
   Watchdog Timer
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
   WATCHDOG TIMER
logo
Axiomtek Co., Ltd.
EBOX622-831-FL AXIOMTEK-EBOX622-831-FL Datasheet
327Kb / 1P
   Watchdog Timer
logo
ARTSCHIP ELECTRONICS CO...
DS1286 ARTSCHIP-DS1286 Datasheet
538Kb / 11P
   Watchdog Timekeeper
logo
Renesas Technology Corp
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
   Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
   Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com