Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1337S Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS1337S
Description  I2C Serial Real-Time Clock
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1337S Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS1337S Datasheet HTML 7Page - Maxim Integrated Products DS1337S Datasheet HTML 8Page - Maxim Integrated Products DS1337S Datasheet HTML 9Page - Maxim Integrated Products DS1337S Datasheet HTML 10Page - Maxim Integrated Products DS1337S Datasheet HTML 11Page - Maxim Integrated Products DS1337S Datasheet HTML 12Page - Maxim Integrated Products DS1337S Datasheet HTML 13Page - Maxim Integrated Products DS1337S Datasheet HTML 14Page - Maxim Integrated Products DS1337S Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DS1337 I
2C Serial Real-Time Clock
11 of 15
Bit 1: Alarm 2 Interrupt Enable (A2IE). When set to logic 1, this bit permits the alarm 2 flag (A2F) bit in the status
register to assert
INTA (when INTCN = 0) or to assert SQW/INTB (when INTCN = 1). When the A2IE bit is set to
logic 0, the A2F bit does not initiate an interrupt signal. The A2IE bit is disabled (logic 0) when power is first
applied.
Bit 0: Alarm 1 Interrupt Enable (A1IE). When set to logic 1, this bit permits the alarm 1 flag (A1F) bit in the status
register to assert
INTA. When the A1IE bit is set to logic 0, the A1F bit does not initiate the INTA signal. The A1IE
bit is disabled (logic 0) when power is first applied.
Status Register (0Fh)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OSF
0
0
0
0
0
A2F
A1F
Bit 7: Oscillator Stop Flag (OSF). A logic 1 in this bit indicates that the oscillator either is stopped or was stopped
for some period of time and may be used to judge the validity of the clock and calendar data. This bit is set to logic
1 anytime that the oscillator stops. The following are examples of conditions that can cause the OSF bit to be set:
1) The first time power is applied.
2) The voltage present on VCC is insufficient to support oscillation.
3) The
EOSC bit is turned off.
4) External influences on the crystal (e.g., noise, leakage, etc.).
This bit remains at logic 1 until written to logic 0.
Bit 1: Alarm 2 Flag (A2F). A logic 1 in the alarm 2 flag bit indicates that the time matched the alarm 2 registers.
This flag can be used to generate an interrupt on either
INTA or SQW/INTB depending on the status of the INTCN
bit in the control register. If the INTCN bit is set to logic 0 and A2F is at logic 1 (and A2IE bit is also logic 1), the
INTA pin goes low. If the INTCN bit is set to logic 1 and A2F is logic 1 (and A2IE bit is also logic 1), the SQW/INTB
pin goes low. A2F is cleared when written to logic 0. This bit can only be written to logic 0. Attempting to write to
logic 1 leaves the value unchanged.
Bit 0: Alarm 1 Flag (A1F). A logic 1 in the alarm 1 flag bit indicates that the time matched the alarm 1 registers. If
the A1IE bit is also logic 1, the
INTA pin goes low. A1F is cleared when written to logic 0. This bit can only be
written to logic 0. Attempting to write to logic 1 leaves the value unchanged.


Similar Part No. - DS1337S

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1337S DALLAS-DS1337S Datasheet
364Kb / 13P
   Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1337S++ MAXIM-DS1337S+ Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
More results

Similar Description - DS1337S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Integrated Device Techn...
IDT1339 IDT-IDT1339 Datasheet
362Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
1337CSRI IDT-1337CSRI Datasheet
368Kb / 24P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
logo
Maxim Integrated Produc...
DS1339A MAXIM-DS1339A_13 Datasheet
580Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 1; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com