Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C037-15AC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C037-15AC
Description  32K/64K x 16/18 Dual-Port Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C037-15AC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C037-15AC Datasheet HTML 3Page - Cypress Semiconductor CY7C037-15AC Datasheet HTML 4Page - Cypress Semiconductor CY7C037-15AC Datasheet HTML 5Page - Cypress Semiconductor CY7C037-15AC Datasheet HTML 6Page - Cypress Semiconductor CY7C037-15AC Datasheet HTML 7Page - Cypress Semiconductor CY7C037-15AC Datasheet HTML 8Page - Cypress Semiconductor CY7C037-15AC Datasheet HTML 9Page - Cypress Semiconductor CY7C037-15AC Datasheet HTML 10Page - Cypress Semiconductor CY7C037-15AC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
CY7C027/028
CY7C037/038
Document #: 38-06042 Rev. *C
Page 7 of 20
Switching Characteristics Over the Operating Range[14]
Parameter
Description
CY7C027/028
CY7C037/038
Unit
-12[1]
-15
-20
Min.
Max.
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
12
15
20
ns
tAA
Address to Data Valid
12
15
20
ns
tOHA
Output Hold From Address Change
3
3
3
ns
tACE[15]
CE LOW to Data Valid
12
15
20
ns
tDOE
OE LOW to Data Valid
8
10
12
ns
tLZOE[16, 17, 18]
OE LOW to Low Z
3
3
3
ns
tHZOE[16, 17, 18]
OE HIGH to High Z
10
10
12
ns
tLZCE[16, 17, 18]
CE LOW to Low Z
3
3
3
ns
tHZCE[16, 17, 18]
CE HIGH to High Z
10
10
12
ns
tPU[18]
CE LOW to Power-Up
0
0
0
ns
tPD[18]
CE HIGH to Power-Down
12
15
20
ns
tABE[15]
Byte Enable Access Time
12
15
20
ns
WRITE CYCLE
tWC
Write Cycle Time
12
15
20
ns
tSCE[15]
CE LOW to Write End
10
12
15
ns
tAW
Address Valid to Write End
10
12
15
ns
tHA
Address Hold From Write End
0
0
0
ns
tSA[15]
Address Set-Up to Write Start
0
0
0
ns
tPWE
Write Pulse Width
10
12
15
ns
tSD
Data Set-Up to Write End
10
10
15
ns
tHD
Data Hold From Write End
0
0
0
ns
tHZWE[17, 18]
R/W LOW to High Z
10
10
12
ns
tLZWE[17, 18]
R/W HIGH to Low Z
3
3
3
ns
tWDD[19]
Write Pulse to Data Delay
25
30
45
ns
tDDD[19]
Write Data Valid to Read Data Valid
20
25
30
ns
BUSY TIMING[20]
tBLA
BUSY LOW from Address Match
12
15
20
ns
tBHA
BUSY HIGH from Address Mismatch
12
15
20
ns
tBLC
BUSY LOW from CE LOW
12
15
20
ns
tBHC
BUSY HIGH from CE HIGH
12
15
17
ns
tPS
Port Set-Up for Priority
5
5
5
ns
tWB
R/W HIGH after BUSY (Slave)
0
0
0
ns
Notes:
14. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOI/IOH and 30-pF load capacitance.
15. To access RAM, CE=L, UB=L, SEM=H. To access semaphore, CE=H and SEM=L. Either condition must be valid for the entire tSCE time.
16. At any given temperature and voltage condition for any given device, tHZCE is less than tLZCE and tHZOE is less than tLZOE.
17. Test conditions used are Load 2.
18. This parameter is guaranteed by design, but it is not production tested.
19. For information on port-to-port delay through RAM cells from writing port to reading port, refer to Read Timing with Busy waveform.
20. Test conditions used are Load 1.


Similar Part No. - CY7C037-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C037-15AC CYPRESS-CY7C037-15AC Datasheet
256Kb / 19P
   32K/64K x 16/18 Dual-Port Static RAM
More results

Similar Description - CY7C037-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C027 CYPRESS-CY7C027 Datasheet
256Kb / 19P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V Datasheet
236Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C09279 CYPRESS-CY7C09279 Datasheet
342Kb / 18P
   32K/64K X 16/18 Synchronous Dual Port Static RAM
CY7C027V CYPRESS-CY7C027V_09 Datasheet
472Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09279 CYPRESS-CY7C09279_02 Datasheet
350Kb / 18P
   32K/64K x16/18 Synchronous Dual Port Static RAM
logo
Integrated Device Techn...
IDT7038L IDT-IDT7038L Datasheet
155Kb / 17P
   HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
IDT7038L IDT-IDT7038L_18 Datasheet
182Kb / 17P
   HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com