Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSS0307-1 Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part # MSS0307-1
Description  3/ 6/ 9/ 12 / 15 / 18 VOICE ROM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS0307-1 Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

Back Button MSS0307-1 Datasheet HTML 2Page - Mosel Vitelic, Corp MSS0307-1 Datasheet HTML 3Page - Mosel Vitelic, Corp MSS0307-1 Datasheet HTML 4Page - Mosel Vitelic, Corp MSS0307-1 Datasheet HTML 5Page - Mosel Vitelic, Corp MSS0307-1 Datasheet HTML 6Page - Mosel Vitelic, Corp MSS0307-1 Datasheet HTML 7Page - Mosel Vitelic, Corp MSS0307-1 Datasheet HTML 8Page - Mosel Vitelic, Corp MSS0307-1 Datasheet HTML 9Page - Mosel Vitelic, Corp MSS0307-1 Datasheet HTML 10Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6/39
LED sink and drive
The LED lamp could be turned on at output pin by
sink connection. No drive is provided.
Fix Flash slow LED
Fix flash slow means this pin turns LED lamp on for t
ONL and then turns it off for t ONL alternately. And it
truns on LED lamp right at the ramp up starts. It turns
off LED lamp right after sound ends. Even within t PL
interval, before ramp down starts, the LED lamp is
turned off.
Fix Flash LED slow & inverse
This is similar to "Fix flash slow LED" but inversed
within the sound activated period. The inverse means
whenever the LED pin turns on the "inverse pin" turns
off LED.
By this feature, user can specify two LEDs, or more,
turns on and off alternately within the sound activated
period.
Dynamic Flash LED
The LED turns on whenever the sound amplitude is
over a certain threshold potential. This threshold can
be specified per pin per entry.
There are three thresholds:17/31, 23/31 and 27/31.
Five output pins could have identical thresholds or
not.
An output pin specified to 17/31 means it could be
turned on whenever the sound plays at an amplitude
over 54% of full scale output. An output pin specified
to 17/31 is easier to turn on than an output pin
specified to 23/31.
Ring Flash 5 LEDs slow
User can specify 5 LEDs ring at slow speed.
It
means LEDS is turned on for t ONL and then turns off
for 4 x t ONL. And cycles. The LEDW turns on right
after LEDS turns off.
LEDW is turned on for t ONL and then turns off for 4 x
t ONL. And cycles. The LEDX turns on right after
LEDW turns off.
LEDX is turned on for t ONL and then turns off for 4 x
t ONL. And cycles. The LEDY turns on right after
LEDX turns off.
LEDY is turned on for t ONL and then turns off for 4 x
t ONL. And cycles. The LEDZ turns on right after
LEDY turns off.
LEDZ is turned on for t ONL and then turns off for 4 x
t ONL. And cycles.
This 340 ms t ONL equals 1 over 2.93. Of course,
this is valid within sound activated period.
This t ONL is sample rate dependent.
Ring Flash 4 LEDs slow
User can specify 4 LEDs ring at slow speed.
It
means LEDS is turned on for t ONL and then turns off
for 4 x t ONL. And cycles. The LEDW turns on right
after LEDS turns off.
LEDW is turned on for t ONL and then turns off for 3 x t
ONL.
And cycles.
The LEDX turns on right after
LEDW turns off.
LEDX is turned on for t ONL and then turns off for 3 x t
ONL. And cycles. The LEDY turns on right after LEDX
turns off.
LEDY is turned on for t ONL and then turns off for 3 x t
ONL. And cycles.
This 340 ms t ONL equals 1 over 2.93. Of course, this
is valid within sound activated period.
This t ONL is sample rate dependent.
If user needs 4 LED lamps to perform ring flash. These
4 pins are only candidates.
Other 4 - lamp combinations are not guaranteed.
Ring Flash 3 LEDs slow
User can specify 3 LEDs ring at slow speed. It means
LEDS is turned on for t ONL and then turns off for 2 x t
ONL.
And cycles.
The LEDW turns on right after
LEDS turns off.
LEDW is turned on for t ONL and then turns off for 2 x t
ONL.
And cycles.
The LEDX turns on right after
LEDW turns off.
LEDX is turned on for t ONL and then turns off for 2 x t
ONL. And cycles.
This 340 ms t ONL equals 1 over 2.93. Of course, this
is valid within sound activated period.
This t ONL is sample rate dependent.
If user needs 3 LED lamps to perform ring flash. These
3 pins are only candidates.
Other 3 - lamp combinations are not guaranteed.
Ring Flash 3 LEDs slow & inverse
User can specify 3 LEDs ring at slow & inverse.
It
means
LEDS is turned off for t ONL and then turns on for 2 x t
ONL.
And cycles.
The LEDW turns off right after
LEDS turns on.
LEDW is turned off for t ONL and then turns on for 2 x t
ONL.
And cycles.
The LEDX turns off right after
LEDW turns on.
LEDX is turned off for t ONL and then turns on for 2 x t
ONL. And cycles.
This 340 ms t ONL equals 1 over 2.93. Of course, this
is valid within sound activated period.
This t ONL is sample rate dependent.
If user needs 3 LED lamps to perform ring flash. These
3 pins are only candidates.
Other 3 - lamp combinations are not guaranteed.
Ring Flash 4 LEDs slow & inverse
User can specify 4 LEDs ring at slow & inverse.
It means LEDS is turned off for t ONL and then turns on
for 3 x t ONL. And cycles. The LEDW turns off right
after LEDS turns on.
LEDW is turned off for t ONL and then turns on for 3 x t
ONL. And cycles. The LEDX turns off right after LEDW
turns on.
PID247*** 09/96
MSS0307/S0607/S0907/S1207/S1507/S1807
MOSEL VITELIC INC.
Specifications subject to change without notice, contact your sales representatives for the most recent information.
(Preliminary)


Similar Part No. - MSS0307-1

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0307 MOSEL-MSS0307 Datasheet
19Kb / 1P
   3 Voice VROM
More results

Similar Description - MSS0307-1

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0306-1 MOSEL-MSS0306-1 Datasheet
167Kb / 19P
   3 VOICE ROM
logo
OKI electronic componet...
MSM6597A OKI-MSM6597A Datasheet
140Kb / 10P
   3-Mbit Serial Voice ROM
logo
Mosel Vitelic, Corp
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
   VOICE ROM
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
   VOICE ROM
MSS1506 MOSEL-MSS1506 Datasheet
142Kb / 8P
   VOICE ROM
MSS0618 MOSEL-MSS0618 Datasheet
129Kb / 1P
   Transistor-less variable pitch 6 Voice ROM
MSS0617 MOSEL-MSS0617 Datasheet
140Kb / 1P
   Variable pitch variable loudness 6 Voice ROM
MSS2105 MOSEL-MSS2105 Datasheet
7Kb / 1P
   21 Voice ROM
MSS0271 MOSEL-MSS0271 Datasheet
62Kb / 12P
   2.7 VOICE ROM
MSS3205 MOSEL-MSS3205 Datasheet
8Kb / 1P
   32 Voice ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com