Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1337 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1337
Description  I2C Serial Real-Time Clock
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1337 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1337_06 Datasheet HTML 1Page - Maxim Integrated Products DS1337_06 Datasheet HTML 2Page - Maxim Integrated Products DS1337_06 Datasheet HTML 3Page - Maxim Integrated Products DS1337_06 Datasheet HTML 4Page - Maxim Integrated Products DS1337_06 Datasheet HTML 5Page - Maxim Integrated Products DS1337_06 Datasheet HTML 6Page - Maxim Integrated Products DS1337_06 Datasheet HTML 7Page - Maxim Integrated Products DS1337_06 Datasheet HTML 8Page - Maxim Integrated Products DS1337_06 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DS1337 I
2C Serial Real-Time Clock
5 of 15
PIN DESCRIPTION
PIN
8
16
NAME
FUNCTION
1
X1
2
X2
Connections for a Standard 32.768kHz Quartz Crystal. The internal
oscillator circuitry is designed for operation with a crystal having a specified
load capacitance (CL) of 6pF. For more information about crystal selection
and crystal layout considerations, refer to Application Note 58: Crystal
Considerations with Dallas Real-Time Clocks. An external 32.768kHz
oscillator can also drive the DS1337. In this configuration, the X1 pin is
connected to the external oscillator signal and the X2 pin is floated.
3
14
INTA
Interrupt Output. When enabled,
INTA is asserted low when the
time/day/date matches the values set in the alarm registers. This pin is an
open-drain output and requires an external pullup resistor.
4
15
GND
Ground. DC power is provided to the device on this pin.
5
16
SDA
Serial Data Input/Output. SDA is the input/output pin for the I
2C serial
interface. The SDA pin is open-drain output and requires an external pullup
resistor.
6
1
SCL
Serial Clock Input. SCL is used to synchronize data movement on the serial
interface.
7
2
SQW/
INTB
Square-Wave/Interrupt Output. Programmable square-wave or interrupt
output signal. It is an open-drain output and requires an external pullup
resistor.
8
3
VCC
DC Power. DC power is provided to the device on this pin.
4–13
N.C.
No Connect. These pins are not connected internally, but must be
grounded for proper operation.
TIMING DIAGRAM


Similar Part No. - DS1337_06

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
More results

Similar Description - DS1337_06

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Integrated Device Techn...
IDT1339 IDT-IDT1339 Datasheet
362Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
1337CSRI IDT-1337CSRI Datasheet
368Kb / 24P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
logo
Maxim Integrated Produc...
DS1339A MAXIM-DS1339A_13 Datasheet
580Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 1; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com