Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1306 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1306
Description  Serial Alarm Real-Time Clock
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1306 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1306_05 Datasheet HTML 2Page - Dallas Semiconductor DS1306_05 Datasheet HTML 3Page - Dallas Semiconductor DS1306_05 Datasheet HTML 4Page - Dallas Semiconductor DS1306_05 Datasheet HTML 5Page - Dallas Semiconductor DS1306_05 Datasheet HTML 6Page - Dallas Semiconductor DS1306_05 Datasheet HTML 7Page - Dallas Semiconductor DS1306_05 Datasheet HTML 8Page - Dallas Semiconductor DS1306_05 Datasheet HTML 9Page - Dallas Semiconductor DS1306_05 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
DS1306
6 of 21
Figure 2. RTC REGISTERS AND ADDRESS MAP
HEX ADDRESS
READ
WRITE
Bit
7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
RANGE
00H
80H
0
10 SEC
SEC
00–59
01H
81H
0
10 MIN
MIN
00–59
P
12
A
01–12 + P/A
02H
82H
0
24
10
10-HR
HOURS
00–23
03H
83H
0
0
0
0
0
DAY
01–07
04H
84H
0
0
10-DATE
DATE
1–31
05H
85H
0
0
10-MONTH
MONTH
01–12
06H
86H
10-YEAR
YEAR
00–99
07H
87H
M
10-SEC ALARM 0
SEC ALARM 0
00–59
08H
88H
M
10-MIN ALARM 0
MIN ALARM 0
00–59
P
12
A
01–12 + P/A
09H
89H
M
24
10
10-HR
HOUR ALARM 0
00–23
0AH
8AH
M
0
0
0
0
DAY ALARM 0
01–07
0BH
8BH
M
10 SEC ALARM 1
SEC ALARM 1
00–59
0CH
8CH
M
10 MIN ALARM 1
MIN ALARM 1
00–59
P
12
A
01–12 + P/A
0DH
8DH
M
24
10
10-HR
HOUR ALARM 1
00–23
0EH
8EH
M
0
0
0
0
DAY ALARM 1
01–07
0FH
8FH
CONTROL REGISTER
10H
90H
STATUS REGISTER
11H
91H
TRICKLE CHARGER REGISTER
12–1FH
92–9FH
RESERVED
20–7FH
A0–
FFH
96-BYTES USER RAM
Note: Range for alarm registers does not include mask’m’ bits.
The DS1306 can be run in either 12-hour or 24-hour mode. Bit 6 of the hours register is defined as the
12- or 24-hour mode select bit. When high, the 12-hour mode is selected. In the 12-hour mode, bit 5 is
the AM/PM bit with logic high being PM. In the 24-hour mode, bit 5 is the second 10-hour bit (20 to 23
hours).
The DS1306 contains two time-of-day alarms. Time-of-day alarm 0 can be set by writing to registers 87h
to 8Ah. Time-of-day Alarm 1 can be set by writing to registers 8 Bh to 8 Eh. Bit 7 of each of the time-of-
day alarm registers are mask bits (Table 1). When all of the mask bits are logic 0, a time-of-day alarm
only occurs once per week when the values stored in timekeeping registers 00h to 03h match the values
stored in the time-of-day alarm registers. An alarm is generated every day when bit 7 of the day alarm
register is set to a logic 1. An alarm is generated every hour when bit 7 of the day and hour alarm
registers is set to a logic 1. Similarly, an alarm is generated every minute when bit 7 of the day, hour, and


Similar Part No. - DS1306_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1306++ MAXIM-DS1306+ Datasheet
324Kb / 22P
   Serial Alarm Real-Time Clock
Rev 12/09
DS1306++ MAXIM-DS1306+ Datasheet
377Kb / 22P
   Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
logo
Dallas Semiconductor
DS1306E DALLAS-DS1306E Datasheet
277Kb / 20P
   Serial Alarm Real Time Clock RTC
logo
Maxim Integrated Produc...
DS1306E MAXIM-DS1306E Datasheet
324Kb / 22P
   Serial Alarm Real-Time Clock
Rev 12/09
DS1306E MAXIM-DS1306E Datasheet
377Kb / 22P
   Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
More results

Similar Description - DS1306_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
   Serial Alarm Real-Time Clock
Rev 12/09
DS1305 MAXIM-DS1305_V01 Datasheet
363Kb / 22P
   Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1306 MAXIM-DS1306_V01 Datasheet
377Kb / 22P
   Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
logo
Renesas Technology Corp
IDT5P90011C RENESAS-IDT5P90011C Datasheet
1,007Kb / 26P
   Serial Alarm Real-Time Clock
2019
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305_05 Datasheet
487Kb / 21P
   Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305 Datasheet
315Kb / 22P
   Serial Alarm Real-Time Clock
Rev 12/09
logo
Dallas Semiconductor
DS1306 DALLAS-DS1306 Datasheet
277Kb / 20P
   Serial Alarm Real Time Clock RTC
DS1305 DALLAS-DS1305 Datasheet
257Kb / 22P
   Serial Alarm Real Time Clock RTC
logo
STMicroelectronics
M41T80 STMICROELECTRONICS-M41T80_11 Datasheet
440Kb / 27P
   Serial access real-time clock with alarm
M41T81 STMICROELECTRONICS-M41T81_06 Datasheet
301Kb / 30P
   Serial access Real-Time Clock with alarm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com