Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C130-30PI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C130-30PI
Description  1K x 8 Dual-Port Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C130-30PI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C130-30PI Datasheet HTML 1Page - Cypress Semiconductor CY7C130-30PI Datasheet HTML 2Page - Cypress Semiconductor CY7C130-30PI Datasheet HTML 3Page - Cypress Semiconductor CY7C130-30PI Datasheet HTML 4Page - Cypress Semiconductor CY7C130-30PI Datasheet HTML 5Page - Cypress Semiconductor CY7C130-30PI Datasheet HTML 6Page - Cypress Semiconductor CY7C130-30PI Datasheet HTML 7Page - Cypress Semiconductor CY7C130-30PI Datasheet HTML 8Page - Cypress Semiconductor CY7C130-30PI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
CY7C130/CY7C131
CY7C140/CY7C141
Document #: 38-06002 Rev. *D
Page 3 of 19
Maximum Ratings[4]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage to Ground Potential
(Pin 48 to Pin 24) ........................................... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State ............................................... –0.5V to +7.0V
DC Input Voltage............................................ –3.5V to +7.0V
Output Current into Outputs (LOW) .............................20 mA
Static Discharge Voltage........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current.................................................... >200 mA
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
5V ± 10%
Industrial
–40
°C to +85°C
5V ± 10%
Military[5]
–55
°C to +125°C
5V ± 10%
Electrical Characteristics Over the Operating Range[6]
Parameter
Description
Test Conditions
7C131-15[3]
7C141-15
7C130-30[3]
7C131-25,30
7C140-30
7C141-25,30
7C130-35,45
7C131-35,45
7C140-35,45
7C141-35,45
7C130-55
7C131-55
7C140-55
7C141-55
Unit
Min.
Max.
Min.
Max.
Min. Max.
Min. Max.
VOH
Output HIGH
Voltage
VCC = Min., IOH = –4.0 mA 2.4
2.4
2.4
2.4
V
VOL
Output LOW
Voltage
IOL = 4.0 mA
0.4
0.4
0.4
0.4
V
IOL = 16.0 mA[7]
0.5
0.5
0.5
0.5
VIH
Input HIGH Voltage
2.2
2.2
2.2
2.2
V
VIL
Input LOW Voltage
0.8
0.8
0.8
0.8
V
IIX
Input Leakage
Current
GND < VI < VCC
–5
+5
–5
+5
–5
+5
–5
+5
µA
IOZ
Output Leakage
Current
GND < VO < VCC,
Output Disabled
–5
+5
–5
+5
–5
+5
–5
+5
µA
IOS
Output Short
Circuit Current[8, 9]
VCC = Max.,
VOUT = GND
–350
–350
–350
–350 mA
ICC
VCC Operating
Supply Current
CE = VIL,
Outputs Open,
f = fMAX[10]
Com’l
190
170
120
110
mA
Mil
170
120
ISB1
Standby Current
Both Ports,
TTL Inputs
CEL and CER >
VIH, f = fMAX[10]
Com’l
75
65
45
35
mA
Mil
65
45
ISB2
Standby Current
One Port,
TTL Inputs
CEL or CER > VIH,
Active Port Outputs
Open,
f = fMAX[10]
Com’l
135
115
90
75
mA
Mil
115
90
ISB3
Standby Current
Both Ports,
CMOS Inputs
Both Ports CEL and
CER >
VCC – 0.2V,
VIN > VCC – 0.2V
or VIN < 0.2V, f = 0
Com’l
15
15
15
15
mA
Mil
15
15
Shaded areas contain preliminary information.
Note:
4. The Voltage on any input or I/O pin cannot exceed the power pin during power-up.
5. TA is the “instant on” case temperature
6. See the last page of this specification for Group A subgroup testing information.
7. BUSY and INT pins only.
8. Duration of the short circuit should not exceed 30 seconds.
9. This parameter is guaranteed but not tested.
10. At f = fMAX, address and data inputs are cycling at the maximum frequency of read cycle of 1/tRC and using AC Test Waveforms input levels of GND to 3V.


Similar Part No. - CY7C130-30PI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C130-30PI CYPRESS-CY7C130-30PI Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
More results

Similar Description - CY7C130-30PI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
logo
Integrated Device Techn...
IDT7130SA IDT-IDT7130SA Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_15 Datasheet
628Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT71V30 IDT-IDT71V30 Datasheet
120Kb / 14P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
logo
TEMIC Semiconductors
M67130 TEMIC-M67130 Datasheet
783Kb / 16P
   1K X 8 CMOS DUAL PORT RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com