Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C138AV Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C138AV
Description  3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C138AV Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C138AV Datasheet HTML 1Page - Cypress Semiconductor CY7C138AV Datasheet HTML 2Page - Cypress Semiconductor CY7C138AV Datasheet HTML 3Page - Cypress Semiconductor CY7C138AV Datasheet HTML 4Page - Cypress Semiconductor CY7C138AV Datasheet HTML 5Page - Cypress Semiconductor CY7C138AV Datasheet HTML 6Page - Cypress Semiconductor CY7C138AV Datasheet HTML 7Page - Cypress Semiconductor CY7C138AV Datasheet HTML 8Page - Cypress Semiconductor CY7C138AV Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
3.3V 4K/8K/16K/32K x 8/9
Dual-Port Static RAM
CY7C138AV/144AV/006AV
CY7C139AV/145AV/016AV
CY7C007AV/017AV
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-06051 Rev. *C
Revised June 6, 2005
Features
• True Dual-Ported memory cells which allow
simultaneous access of the same memory location
• 4K/8K/16K/32K x 8 organizations
(CY7C0138AV/144AV/006AV/007AV)
• 4K/8K/16K/32K x 9 organizations
(CY7C0139AV/145AV/016AV/017AV)
• 0.35-micron CMOS for optimum speed/power
• High-speed access: 20/25 ns
• Low operating power
— Active: ICC = 115 mA (typical)
— Standby: ISB3 = 10 µA (typical)
• Fully asynchronous operation
• Automatic power-down
• Expandable data bus to 16/18 bits or more using Master/
Slave chip select when using more than one device
• On-chip arbitration logic
• Semaphores included to permit software handshaking
between ports
•INT flag for port-to-port communication
• Pin select for Master or Slave
• Commercial and Industrial Temperature Ranges
• Available in 68-pin PLCC (all) and 64-pin TQFP
(7C006AV & 7C144AV)
• Pb-Free packages available
For the most recent information, visit the Cypress web site at www.cypress.com
Notes:
1. I/O0–I/O7 for x8 devices; I/O0–I/O8 for x9 devices.
2. A0–A11 for 4K devices; A0–A12 for 8K devices; A0–A13 for 16K devices; A0–A14 for 32K devices;
3. BUSY is an output in master mode and an input in slave mode.
I/O
Control
Address
Decode
A0L–A11–14L
CEL
OEL
R/WL
BUSYL
I/O
Control
Interrupt
Semaphore
Arbitration
SEML
INTL
M/S
A0L–A11–14L
True Dual-Ported
RAM Array
A0R–A11–14R
CER
OER
R/WR
BUSYR
SEMR
INTR
Address
Decode
A0R–A11–14R
[1]
[1]
[3]
[3]
R/WL
OEL
I/O0L–I/O7/8L
CEL
R/WR
OER
I/O0R–I/O7/8R
CER
12–15
8/9
12–15
8/9
12–15
12–15
[2]
[2]
[2]
[2]
Logic Block Diagram
CY7C138AV CY7C139AV CY7C144AV CY7C145AV CY7C006AV CY7C016AV CY7C007AV CY7C017AV 3.3V 4K/8K/16K/32K x 8/9
Dual-Port Static RAM


Similar Part No. - CY7C138AV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C138 CYPRESS-CY7C138 Datasheet
300Kb / 15P
   4K x 8/9 Dual-Port Static RAM
CY7C138 CYPRESS-CY7C138 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138-15 CYPRESS-CY7C138-15 Datasheet
300Kb / 15P
   4K x 8/9 Dual-Port Static RAM
CY7C138-15JC CYPRESS-CY7C138-15JC Datasheet
300Kb / 15P
   4K x 8/9 Dual-Port Static RAM
CY7C138-15JC CYPRESS-CY7C138-15JC Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
More results

Similar Description - CY7C138AV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C144AV CYPRESS-CY7C144AV Datasheet
592Kb / 21P
   3.3V 8K/16K x 8 Dual-Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV_05 Datasheet
499Kb / 16P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV Datasheet
320Kb / 17P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024V CYPRESS-CY7C024V Datasheet
248Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_05 Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com