Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C056V-15AC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C056V-15AC
Description  3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C056V-15AC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C056V-15AC Datasheet HTML 1Page - Cypress Semiconductor CY7C056V-15AC Datasheet HTML 2Page - Cypress Semiconductor CY7C056V-15AC Datasheet HTML 3Page - Cypress Semiconductor CY7C056V-15AC Datasheet HTML 4Page - Cypress Semiconductor CY7C056V-15AC Datasheet HTML 5Page - Cypress Semiconductor CY7C056V-15AC Datasheet HTML 6Page - Cypress Semiconductor CY7C056V-15AC Datasheet HTML 7Page - Cypress Semiconductor CY7C056V-15AC Datasheet HTML 8Page - Cypress Semiconductor CY7C056V-15AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
CY7C056V
CY7C057V
Document #: 38-06055 Rev. *B
Page 5 of 23
Maximum Ratings[6]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature .................................–65
°C to +150°C
Ambient Temperature with
Power Applied.............................................–55
°C to +125°C
Supply Voltage to Ground Potential ............... –0.5V to +4.6V
DC Voltage Applied to
Outputs in High Z State............................–0.5V to VDD+0.5V
DC Input Voltage.................................. –0.5V to VDD+0.5V[7]
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage........................................... >2001V
Latch-Up Current .................................................... >200 mA
Shaded areas contain advance information.
Notes:
6. The voltage on any input or I/O pin can not exceed the power pin during power-up.
7. Pulse width < 20 ns.
Pin Definitions
Left Port
Right Port
Description
A0L–A13/14L
A0R–A13/14R
Address (A0–A13 for 16K; A0–A14 for 32K devices)
SEML
SEMR
Semaphore Enable
CE0L, CE1L
CE0R, CE1R
Chip Enable (CE is LOW when CE0 ≤ VIL and CE1 ≥ VIH)
INTL
INTR
Interrupt Flag
BUSYL
BUSYR
Busy Flag
I/O0L–I/O35L
I/O0R–I/O35R
Data Bus Input/Output
OEL
OER
Output Enable
R/WL
R/WR
Read/Write Enable
B0–B3
Byte Select Inputs. Asserting these signals enables read and write opera-
tions to the corresponding bytes of the memory array.
BM, SIZE
See Bus Matching for details.
WA, BA
See Bus Matching for details.
M/S
Master or Slave Select
VSS
Ground
VDD
Power
Operating Range
Range
Ambient
Temperature
VDD
Commercial
0
°C to +70°C
3.3V ± 165 mV
Industrial
–40
°C to +85°C
3.3V ± 165 mV


Similar Part No. - CY7C056V-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C056V-15AC CYPRESS-CY7C056V-15AC Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V-15AC CYPRESS-CY7C056V-15AC Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
More results

Similar Description - CY7C056V-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_12 Datasheet
434Kb / 27P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_11 Datasheet
719Kb / 26P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09569V CYPRESS-CY7C09569V Datasheet
700Kb / 30P
   3.3V 16K/32K x 36 FLE x 36-TM Synchronous Dual-Port Static RAM
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
logo
List of Unclassifed Man...
IDT70V658S10DRG ETC2-IDT70V658S10DRG Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Integrated Device Techn...
IDT70V659 IDT-IDT70V659 Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V65 IDT-IDT70V65 Datasheet
316Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com