Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B993V-5AC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7B993V-5AC
Description  High-speed Multi-phase PLL Clock Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B993V-5AC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7B993V-5AC Datasheet HTML 1Page - Cypress Semiconductor CY7B993V-5AC Datasheet HTML 2Page - Cypress Semiconductor CY7B993V-5AC Datasheet HTML 3Page - Cypress Semiconductor CY7B993V-5AC Datasheet HTML 4Page - Cypress Semiconductor CY7B993V-5AC Datasheet HTML 5Page - Cypress Semiconductor CY7B993V-5AC Datasheet HTML 6Page - Cypress Semiconductor CY7B993V-5AC Datasheet HTML 7Page - Cypress Semiconductor CY7B993V-5AC Datasheet HTML 8Page - Cypress Semiconductor CY7B993V-5AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RoboClock
CY7B993V
CY7B994V
Document #: 38-07127 Rev. *F
Page 3 of 15
100-lead BGA
Pin Definitions [1]
Pin Name
I/O
Pin Type
Pin Description
FBSEL
Input
LVTTL
Feedback Input Select: When LOW, FBKA inputs are selected. When HIGH, the FBKB
inputs are selected. This input has an internal pull-down.
FBKA+, FBKA–
FBKB+, FBKB–
Input
LVTTL/
LVDIFF
Feedback Inputs: One pair of inputs selected by the FBSEL is used to feedback the clock
output xQn to the phase detector. The PLL will operate such that the rising edges of the
reference and feedback signals are aligned in both phase and frequency. These inputs
can operate as differential PECL or single-ended TTL inputs. When operating as a
single-ended LVTTL input, the complementary input must be left open.
REFA+, REFA–
REFB+, REFB–
Input
LVTTL/
LVDIFF
Reference Inputs: These inputs can operate as differential PECL or single-ended TTL
reference inputs to the PLL. When operating as a single-ended LVTTL input, the comple-
mentary input must be left open.
REFSEL
Input
LVTTL
Reference Select Input: The REFSEL input controls how the reference input is
configured. When LOW, it will use the REFA pair as the reference input. When HIGH, it
will use the REFB pair as the reference input. This input has an internal pull-down.
FS
Input
3-level
Input
Frequency Select: This input must be set according to the nominal frequency (fNOM) (see
Table 1).
FBF0
Input
3-level
Input
Feedback Output Phase Function Select: This input determines the phase function of
the Feedback bank’s QFA[0:1] outputs (see Table 3).
Note:
1. For all three-state inputs, HIGH indicates a connection to VCC, LOW indicates a connection to GND, and MID indicates an open connection. Internal termination
circuitry holds an unconnected input to VCC/2.
Pin Configurations (continued)
12
3456
789
10
A
1QB1
1QB0
1QA1
1QA0
QFA0
QFA1
FBKB+
VCCQ
FBKA–
FBKA+
B
VCCN
VCCN
VCCN
VCCN
VCCN
VCCN
VCCQ
FBKB–
FBSEL
REFA+
C
GND
GND
GND
GND
GND
GND
VCCQ
GND
GND
REFA–
D
LOCK
4F0
(3_level)
3F1
(3_level)
GND
FBDS1
(3_level)
FBDS0
(3_level)
2F0
(3_level) VCCQ REFSEL REFB–
E
4QB1
VCCN
4DS1
(3_level)
GND
3F0
(3_level)
4F1
(3_level)
GND
FS
(3_level) VCCN
REFB+
F
4QB0
VCCN
3DS1
(3_level)
GND
GND
GND
GND
FBF0
(3_level) VCCN
2QA0
G
4QA1
2DS1
(3_level) VCCQ
GND
GND
GND
GND
VCCQ
1F0
(3_level)
2QA1
H
4QA0
1DS1
(3_level)
1DS0
(3_level) VCCQ
GND
GND
VCCQ
OUTPUT
MODE
(3_level)
FBDIS
2QB0
J
4DS0
(3_level)
3DS0
(3_level)
2DS0
(3_level)
DIS1
VCCN
VCCN
GND
INV3
(3_level)
DIS3
2QB1
K
2F1
(3_level)
1F1
(3_level)
DIS2
VCCN
3QA0
3QA1
GND
3QB0
3QB1
DIS4


Similar Part No. - CY7B993V-5AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B993V-5AC CYPRESS-CY7B993V-5AC Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
More results

Similar Description - CY7B993V-5AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
   High Speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_11 Datasheet
430Kb / 15P
   High Speed Multi-phase PLL Clock Buffer
CY7B9930V CYPRESS-CY7B9930V Datasheet
158Kb / 9P
   High-Speed Multi-Frequency PLL Clock Buffer
CY7B9973V CYPRESS-CY7B9973V Datasheet
167Kb / 8P
   High-Speed Multi-Output PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_06 Datasheet
296Kb / 10P
   2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com