Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C036A Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C036A
Description  16K x 16/18 Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C036A Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C036A Datasheet HTML 7Page - Cypress Semiconductor CY7C036A Datasheet HTML 8Page - Cypress Semiconductor CY7C036A Datasheet HTML 9Page - Cypress Semiconductor CY7C036A Datasheet HTML 10Page - Cypress Semiconductor CY7C036A Datasheet HTML 11Page - Cypress Semiconductor CY7C036A Datasheet HTML 12Page - Cypress Semiconductor CY7C036A Datasheet HTML 13Page - Cypress Semiconductor CY7C036A Datasheet HTML 14Page - Cypress Semiconductor CY7C036A Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
CY7C026A
CY7C036A
Document #: 38-06046 Rev. *C
Page 11 of 18
Notes:
25. R/W must be HIGH during all address transitions.
26. A write occurs during the overlap (tSCE or tPWE) of a LOW CE or SEM and a LOW UB or LB.
27. tHA is measured from the earlier of CE or R/W or (SEM or R/W) going HIGH at the end of write cycle.
28. If OE is LOW during a R/W controlled write cycle, the write pulse width must be the larger of tPWE or (tHZWE + tSD) to allow the I/O drivers to turn off and data
to be placed on the bus for the required tSD. If OE is HIGH during an R/W controlled write cycle, this requirement does not apply and the write pulse can be
as short as the specified tPWE.
29. To access RAM, CE = VIL, SEM = VIH.
30. To access upper byte, CE = VIL, UB = VIL, SEM = VIH.
To access lower byte, CE = VIL, LB = VIL, SEM = VIH.
31. Transition is measured
±500 mV from steady state with a 5-pF load (including scope and jig). This parameter is sampled and not 100% tested.
32. During this period, the I/O pins are in the output state, and input signals must not be applied.
33. If the CE or SEM LOW transition occurs simultaneously with or after the R/W LOW transition, the outputs remain in the high-impedance state.
Switching Waveforms (continued)
tAW
tWC
tPWE
tHD
tSD
tHA
CE
R/W
OE
DATA OUT
DATA IN
ADDRESS
tHZOE
tSA
tHZWE
tLZWE
Write Cycle No. 1: R/W Controlled Timing[25, 26, 27, 28]
[31]
[31]
[28]
[29,30]
NOTE 32
NOTE 32
tAW
tWC
tSCE
tHD
tSD
tHA
CE
R/W
DATA IN
ADDRESS
tSA
Write Cycle No. 2: CE Controlled Timing[25, 26, 27, 33]
[29,30]


Similar Part No. - CY7C036A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C036A CYPRESS-CY7C036A Datasheet
360Kb / 17P
   16K x 16/18 Dual-Port Static RAM
CY7C036A-12AC CYPRESS-CY7C036A-12AC Datasheet
360Kb / 17P
   16K x 16/18 Dual-Port Static RAM
CY7C036A-15AC CYPRESS-CY7C036A-15AC Datasheet
360Kb / 17P
   16K x 16/18 Dual-Port Static RAM
CY7C036A-15AI CYPRESS-CY7C036A-15AI Datasheet
360Kb / 17P
   16K x 16/18 Dual-Port Static RAM
CY7C036A-20AC CYPRESS-CY7C036A-20AC Datasheet
360Kb / 17P
   16K x 16/18 Dual-Port Static RAM
More results

Similar Description - CY7C036A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C026A CYPRESS-CY7C026A Datasheet
360Kb / 17P
   16K x 16/18 Dual-Port Static RAM
CY7C026A CYPRESS-CY7C026A_12 Datasheet
318Kb / 21P
   16K x 16 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024V CYPRESS-CY7C024V Datasheet
248Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_05 Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com