Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C036A Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C036A
Description  16K x 16/18 Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C036A Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C036A Datasheet HTML 5Page - Cypress Semiconductor CY7C036A Datasheet HTML 6Page - Cypress Semiconductor CY7C036A Datasheet HTML 7Page - Cypress Semiconductor CY7C036A Datasheet HTML 8Page - Cypress Semiconductor CY7C036A Datasheet HTML 9Page - Cypress Semiconductor CY7C036A Datasheet HTML 10Page - Cypress Semiconductor CY7C036A Datasheet HTML 11Page - Cypress Semiconductor CY7C036A Datasheet HTML 12Page - Cypress Semiconductor CY7C036A Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
CY7C026A
CY7C036A
Document #: 38-06046 Rev. *C
Page 9 of 18
Data Retention Mode
The CY7C026A and CY7C036A are designed with battery
backup in mind. Data retention voltage and supply current are
guaranteed over temperature. The following rules ensure data
retention:
1. Chip Enable (CE) must be held HIGH during data retention,
within VCC to VCC – 0.2V.
2. CE must be kept between VCC – 0.2V and 70% of VCC
during the power-up and power-down transitions.
3. The RAM can begin operation >tRC after VCC reaches the
minimum operating voltage (4.5 volts).
Notes:
17. Test conditions used are Load 2.
18. tBDD is a calculated parameter and is the greater of tWDD–tPWE (actual) or tDDD–tSD (actual).
19. CE = VCC, Vin = GND to VCC, TA = 25°C. This parameter is guaranteed but not tested.
BUSY TIMING[17]
tBLA
BUSY LOW from Address Match
12
15
20
ns
tBHA
BUSY HIGH from Address Mismatch
12
15
20
ns
tBLC
BUSY LOW from CE LOW
12
15
20
ns
tBHC
BUSY HIGH from CE HIGH
12
15
17
ns
tPS
Port Set-Up for Priority
5
5
5
ns
tWB
R/W HIGH after BUSY (Slave)
0
0
0
ns
tWH
R/W HIGH after BUSY HIGH (Slave)
11
13
15
ns
tBDD[18]
BUSY HIGH to Data Valid
12
15
20
ns
INTERRUPT TIMING[17]
tINS
INT Set Time
12
15
20
ns
tINR
INT Reset Time
12
15
20
ns
SEMAPHORE TIMING
tSOP
SEM Flag Update Pulse (OE or SEM)10
10
10
ns
tSWRD
SEM Flag Write to Read Time
5
5
5
ns
tSPS
SEM Flag Contention Window
5
5
5
ns
tSAA
SEM Address Access Time
12
15
20
ns
Switching Characteristics Over the Operating Range[10] (continued)
Parameter
Description
CY7C026A
CY7C036A
Unit
-12[1]
-15
-20
Min.
Max.
Min.
Max.
Min.
Max.
Timing
Parameter
Test Conditions[19]
Max.
Unit
ICCDR1
@ VCCDR = 2V
1.5
mA
Data Retention Mode
4.5V
4.5V
VCC > 2.0V
VCC to VCC – 0.2V
VCC
CE
tRC
V
IH


Similar Part No. - CY7C036A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C036A CYPRESS-CY7C036A Datasheet
360Kb / 17P
   16K x 16/18 Dual-Port Static RAM
CY7C036A-12AC CYPRESS-CY7C036A-12AC Datasheet
360Kb / 17P
   16K x 16/18 Dual-Port Static RAM
CY7C036A-15AC CYPRESS-CY7C036A-15AC Datasheet
360Kb / 17P
   16K x 16/18 Dual-Port Static RAM
CY7C036A-15AI CYPRESS-CY7C036A-15AI Datasheet
360Kb / 17P
   16K x 16/18 Dual-Port Static RAM
CY7C036A-20AC CYPRESS-CY7C036A-20AC Datasheet
360Kb / 17P
   16K x 16/18 Dual-Port Static RAM
More results

Similar Description - CY7C036A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C026A CYPRESS-CY7C026A Datasheet
360Kb / 17P
   16K x 16/18 Dual-Port Static RAM
CY7C026A CYPRESS-CY7C026A_12 Datasheet
318Kb / 21P
   16K x 16 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024V CYPRESS-CY7C024V Datasheet
248Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_05 Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com