Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B933-JC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7B933-JC
Description  HOTLink Transmitter/Receiver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B933-JC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7B933-JC Datasheet HTML 1Page - Cypress Semiconductor CY7B933-JC Datasheet HTML 2Page - Cypress Semiconductor CY7B933-JC Datasheet HTML 3Page - Cypress Semiconductor CY7B933-JC Datasheet HTML 4Page - Cypress Semiconductor CY7B933-JC Datasheet HTML 5Page - Cypress Semiconductor CY7B933-JC Datasheet HTML 6Page - Cypress Semiconductor CY7B933-JC Datasheet HTML 7Page - Cypress Semiconductor CY7B933-JC Datasheet HTML 8Page - Cypress Semiconductor CY7B933-JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
HOTLinkTransmitter/Receiver
CY7B923
CY7B933
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-02017 Rev. *E
Revised August 29, 2005
Features
• Fibre-Channel-compliant
• IBM ESCON-compliant
• DVB-ASI-compliant
• ATM-compliant
• 8B/10B-coded or 10-bit unencoded
• Standard HOTLink: 160–330 Mbps
• High-speed HOTLink: 160–400 Mbps for high-speed
applications
• Low-speed HOTLink: 150–160 Mbps for low-cost fiber
applications
• TTL synchronous I/O
• No external phase locked-loop (PLL) components
• Triple PECL 100K serial outputs
• Dual PECL 100K serial inputs
• Low power: 350 mW (Tx), 650 mW (Rx)
• Compatible with fiber-optic modules, coaxial cable, and
twisted pair media
• Built-in Self-Test (BIST)
• Single +5V supply
• 28-pin SOIC/PLCC/LCC
• Pb-Free Packages Available
• 0.8
µ BiCMOS
Functional Description
The CY7B923 HOTLinkTransmitter and CY7B933 HOTLink
Receiver are point-to-point communications building blocks
that transfer data over high-speed serial links (fiber, coax, and
twisted pair). Standard HOTLink data rates range from 160 to
330 Mbits/second. Higher speed HOTLink is also available for
high-speed applications (160–400 Mbits/second), as well as,
for
low-cost
applications,
HOTLink-155
(150–160
Mbits/second operations). Figure 1 illustrates typical connec-
tions to host systems or controllers.
Eight bits of user data or protocol information are loaded into
the HOTLink transmitter and are encoded. Serial data is
shifted out of the three differential positive ECL (PECL) serial
ports at the bit rate (which is ten times the byte rate).
The HOTLink receiver accepts the serial bit stream at its differ-
ential line receiver inputs and, using a completely integrated
PLL Clock Synchronizer, recovers the timing information
necessary for data reconstruction. The bit stream is deseri-
alized, decoded, and checked for transmission errors.
Recovered bytes are presented in parallel to the receiving host
along with a byte-rate clock.
The 8B/10B encoder/decoder can be disabled in systems that
already encode or scramble the transmitted data. I/O signals
are available to create a seamless interface with both
asynchronous FIFOs (i.e., CY7C42X) and clocked FIFOs (i.e.,
CY7C44X). A BIST pattern generator and checker allows
testing of the transmitter, receiver, and the connecting link as
a part of a system diagnostic check.
HOTLink devices are ideal for a variety of applications where
a parallel interface can be replaced with a high-speed
point-to-point serial link. Applications include interconnecting
workstations, servers, mass storage, and video transmission
equipment.
CY7B923 Transmitter Logic Block Diagram
INPUT REGISTER
D0–7
(Db–h)
SC/D (Da)
SVS(Dj)
ENABLE
ENCODER
SHIFTER
OUTA
OUTB
OUTC
FOTO
CKW
CLOCK
GENERATOR
ENA
ENN
RP
TEST
LOGIC
MODE
BISTEN
CY7B933 Receiver Logic Block Diagram
RF
A/B
INA+
INB (INB+)
SO
REFCLK
MODE
BISTEN
PECL
TTL
TEST
LOGIC
CLOCK
SYNC
CKR
RDY
SC/D (Qa)
RVS(Qj)
Q0–7
(Qb–h)
OUTPUT
REGISTER
DECODER
DECODER
REGISTER
SHIFTER
FRAMER
DATA
INA
SI(INB
− )


Similar Part No. - CY7B933-JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B933-JC CYPRESS-CY7B933-JC Datasheet
629Kb / 35P
   HOTLink??Transmitter/Receiver
More results

Similar Description - CY7B933-JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B923 CYPRESS-CY7B923 Datasheet
629Kb / 35P
   HOTLink??Transmitter/Receiver
CY7B9234 CYPRESS-CY7B9234 Datasheet
370Kb / 32P
   SMPTE HOTLink Transmitter/Receiver
CY7B9234 CYPRESS-CY7B9234_07 Datasheet
777Kb / 34P
   SMPTE HOTLink??Transmitter/Receiver
CYP15G0401TB CYPRESS-CYP15G0401TB Datasheet
286Kb / 30P
   Quad HOTLink II??Transmitter
CYP15G0401RB CYPRESS-CYP15G0401RB Datasheet
316Kb / 35P
   Quad HOTLink II??Receiver
CY24130 CYPRESS-CY24130 Datasheet
127Kb / 5P
   HOTLink SMPTE Receiver Training Clock
CY24130 CYPRESS-CY24130_08 Datasheet
214Kb / 6P
   HOTLink II??SMPTE Receiver Training Clock
logo
Epson Company
S1R77081F EPSON-S1R77081F Datasheet
161Kb / 2P
   RSDS Transmitter/Receiver
logo
STMicroelectronics
STB4395 STMICROELECTRONICS-STB4395 Datasheet
153Kb / 16P
   CT2 RECEIVER/TRANSMITTER
logo
rfsolutions.ltd
RF620T RFSOLUTIONS-RF620T Datasheet
132Kb / 7P
   SmartRadio Transmitter / Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com