Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B9950AXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7B9950AXC
Description  2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9950AXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7B9950AXC Datasheet HTML 1Page - Cypress Semiconductor CY7B9950AXC Datasheet HTML 2Page - Cypress Semiconductor CY7B9950AXC Datasheet HTML 3Page - Cypress Semiconductor CY7B9950AXC Datasheet HTML 4Page - Cypress Semiconductor CY7B9950AXC Datasheet HTML 5Page - Cypress Semiconductor CY7B9950AXC Datasheet HTML 6Page - Cypress Semiconductor CY7B9950AXC Datasheet HTML 7Page - Cypress Semiconductor CY7B9950AXC Datasheet HTML 8Page - Cypress Semiconductor CY7B9950AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RoboClock®, CY7B9950
2.5/3.3V, 200 MHz High-Speed
Multi-Phase PLL Clock Buffer
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-07338 Rev. *D
Revised September 27, 2007
Features
2.5V or 3.3V operation
Split output bank power supplies
Output frequency range: 6 MHz to 200 MHz
50 ps typical matched-pair Output-output skew
50 ps typical Cycle-cycle jitter
49.5/50.5% typical output duty cycle
Selectable output drive strength
Selectable positive or negative edge synchronization
Eight LVTTL outputs driving 50 Ω terminated lines
LVCMOS/LVTTL over-voltage-tolerant reference input
Phase adjustments in 625-/1250-ps steps up to +7.5 ns
2x, 4x multiply and (1/2)x, (1/4)x divide ratios
Spread-Spectrum compatible
Industrial temp. range: –40°C to +85°C
32-pin TQFP package
Description
The CY7B9950 RoboClock® is a low voltage, low power,
eight-output, 200 MHz clock driver. It features output phase
programmability which is necessary to optimize the timing of
high performance computer and communication systems.
The user can program the phase of the output banks through
nF[0:1] pins. The adjustable phase feature allows the user to
skew the outputs to lead or lag the reference clock. Any one
of the outputs can be connected to the feedback input to
achieve different reference frequency multiplications, and
divide ratios and zero input-output delay.
The device also features split output bank power supplies,
which enable the user to run two banks (1Qn and 2Qn) at a
power supply level different from that of the other two banks
(3Qn and 4Qn). Additionally, the three-level PE/HD pin
controls the synchronization of the output signals to either the
rising, or the falling edge of the reference clock and selects the
drive strength of the output buffers. The high drive option
(PE/HD = MID) increases the output current from ± 12 mA to
± 24 mA(3.3V).
Logic Block Diagram
PE/HD
TEST
FS
3
3
REF
FB
2F1:0
1F1:0
3F1:0
4F1:0
1Q0
1Q1
2Q0
2Q1
3Q0
3Q1
4Q0
4Q1
PLL
3
3
3
3
3
3
3
3
Phase
Select
Phase
Select
Phase
Select
and /K
Phase
Select
and /M
3
sOE#
VDDQ1
VDDQ4
VDDQ3
[+] Feedback


Similar Part No. - CY7B9950AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9950AXC CYPRESS-CY7B9950AXC Datasheet
296Kb / 10P
   2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950AXCT CYPRESS-CY7B9950AXCT Datasheet
296Kb / 10P
   2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
More results

Similar Description - CY7B9950AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_06 Datasheet
296Kb / 10P
   2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950 Datasheet
170Kb / 9P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B995 CYPRESS-CY7B995 Datasheet
296Kb / 11P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_11 Datasheet
538Kb / 17P
   2.5/3.3 V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_05 Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
   High Speed Multi-phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com