Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C008V Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C008V
Description  3.3V 64K/128K x 8/9 Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C008V Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C008V_05 Datasheet HTML 1Page - Cypress Semiconductor CY7C008V_05 Datasheet HTML 2Page - Cypress Semiconductor CY7C008V_05 Datasheet HTML 3Page - Cypress Semiconductor CY7C008V_05 Datasheet HTML 4Page - Cypress Semiconductor CY7C008V_05 Datasheet HTML 5Page - Cypress Semiconductor CY7C008V_05 Datasheet HTML 6Page - Cypress Semiconductor CY7C008V_05 Datasheet HTML 7Page - Cypress Semiconductor CY7C008V_05 Datasheet HTML 8Page - Cypress Semiconductor CY7C008V_05 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
3.3V 64K/128K x 8/9
Dual-Port Static RAM
CY7C008V/009V
CY7C018V/019V
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-06044 Rev. *C
Revised September 6, 2005
Features
• True Dual-Ported memory cells which allow simulta-
neous access of the same memory location
• 64K x 8 organization (CY7C008)
• 128K x 8 organization (CY7C009)
• 64K x 9 organization (CY7C018)
• 128K x 9 organization (CY7C019)
• 0.35-micron CMOS for optimum speed/power
• High-speed access: 15/20/25 ns
• Low operating power
— Active: ICC = 115 mA (typical)
— Standby: ISB3 = 10 µA (typical)
• Fully asynchronous operation
• Automatic power-down
• Expandable data bus to 16/18 bits or more using
Master/Slave chip select when using more than one
device
• On-chip arbitration logic
• Semaphores included to permit software handshaking
between ports
•INT flag for port-to-port communication
• Dual Chip Enables
• Pin select for Master or Slave
• Commercial and Industrial Temperature Ranges
• Available in 100-pin TQFP
Pb-Free packages available
Notes:
1. I/O0–I/O7 for x8 devices; I/O0–I/O8 for x9 devices.
2. A0–A15 for 64K devices; A0–A16 for 128K.
3. BUSY is an output in master mode and an input in slave mode.
I/O
Control
Address
Decode
A0L–A15/16L
CEL
OEL
R/WL
BUSYL
I/O
Control
Interrupt
Semaphore
Arbitration
SEML
INTL
M/S
Logic Block Diagram
A0L–A15/16L
True Dual-Ported
RAM Array
A0R–A15/16R
CER
OER
R/WR
BUSYR
SEMR
INTR
Address
Decode
A0R–A15/16R
[1]
[1]
[2]
[2]
[3]
[3]
[2]
[2]
R/WL
CE0L
CE1L
OEL
I/O0L–I/O7/8L
CEL
R/WR
CE0R
CE1R
OER
I/O0R–I/O7/8R
CER
16/17
8/9
16/17
8/9
16/17
16/17
CY7C008V CY7C018V CY7C009V CY7C019V 3.3V 64K/128K x 8/9
Dual-Port Static RAM


Similar Part No. - CY7C008V_05

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C008V-15AC CYPRESS-CY7C008V-15AC Datasheet
222Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C008V-20AC CYPRESS-CY7C008V-20AC Datasheet
222Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C008V-25AC CYPRESS-CY7C008V-25AC Datasheet
222Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_12 Datasheet
649Kb / 23P
   3.3 V 4 K / 8 K / 16 16 Dual-Port Static RAM
More results

Similar Description - CY7C008V_05

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C008V CYPRESS-CY7C008V Datasheet
222Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008 Datasheet
537Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008_05 Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09089 CYPRESS-CY7C09089 Datasheet
347Kb / 19P
   64K/128K x 8/9 Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7M1001 IDT-IDT7M1001 Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
logo
Renesas Technology Corp
70V18 RENESAS-70V18 Datasheet
342Kb / 19P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
DECEMBER 2017
logo
Integrated Device Techn...
IDT70V18L IDT-IDT70V18L_15 Datasheet
641Kb / 18P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
IDT70V18L IDT-IDT70V18L Datasheet
146Kb / 17P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com