Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B933 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7B933
Description  HOTLink Transmitter/Receiver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B933 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7B933 Datasheet HTML 5Page - Cypress Semiconductor CY7B933 Datasheet HTML 6Page - Cypress Semiconductor CY7B933 Datasheet HTML 7Page - Cypress Semiconductor CY7B933 Datasheet HTML 8Page - Cypress Semiconductor CY7B933 Datasheet HTML 9Page - Cypress Semiconductor CY7B933 Datasheet HTML 10Page - Cypress Semiconductor CY7B933 Datasheet HTML 11Page - Cypress Semiconductor CY7B933 Datasheet HTML 12Page - Cypress Semiconductor CY7B933 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
CY7B923
CY7B933
Document #: 38-02017 Rev. *E
Page 9 of 33
Bypass Mode Operation
In Bypass mode the input data is interpreted as ten (10) bits
(Db–h), SC/D (Da), and SVS (Dj) of pre-encoded transmission
data to be serialized and sent over the link. This data can use
any encoding method suitable to the designer. The only
restrictions upon the data encoding method is that it contain
suitable transition density for the Receiver PLL data synchro-
nizer (one per 10 bit byte), and that it be compatible with the
transmission media.
Data loaded into the Input register on the rising edge of CKW
will be loaded into the Shifter on the subsequent rising edges
of CKW. It will then be shifted to the outputs one bit at a time
using the internal clock generated by the clock generator. The
first bit of the transmission character (Da) will appear at the
output (OUTA±, OUTB±, and OUTC±) after the next CKW
edge.
While in either the Encoded mode or Bypass mode, if a CKW
edge arrives when the inputs are not enabled (ENA and ENN
both HIGH), the Encoder will insert a pad character K28.5
(e.g., C5.0) to maintain proper link synchronization (in Bypass
mode the proper sense of running disparity cannot be
guaranteed for the first pad character, but is correct for all pad
characters that follow). This automatic insertion of pad
characters can be inhibited by insuring that the Transmitter is
always enabled (i.e., ENA or ENN is hard-wired LOW).
PECL Output Functional and Connection Options
The three pairs of PECL outputs all contain the same infor-
mation and are intended for use in systems with multiple
connections. Each output pair may be connected to a different
serial media, each of which may be a different length, link type,
or interface technology. For systems that do not require all
three output pairs, the unused pairs should be wired to VCC to
minimize the power dissipated by the output circuit, and to
minimize unwanted noise generation. An internal voltage
comparator detects when an output differential pair is wired to
VCC, causing the current source for that pair to be disabled.
This results in a power savings of around 5 mA for each
unused pair.
In systems that require the outputs to be shut off during some
periods when link transmission is prohibited (e.g., for laser
Figure 4. Seamless FIFO Interface
7C42X/3X/6X/7X
CLOCKED FIFO
ASYNCHRONOUS FIFO
7C44X/5X
9
RQ0–8
ENR
CKR
9
7B923
7B923
ENA
D0–7, SC/D
CKW
RP
ENN
CKW
HOTLink TRANSMITTER
HOTLink RECEIVER
7B933
7B933
RDY
CKR
RDY
CKR
9
9
W
ENW
D0–8
CKW
7C42X/3X/6X/7X
7C44X/5X
CLOCKED FIFO
ASYNCHRONOUS FIFO
HOTLink RECEIVER
Q0–8
D0–7, SC/D
HOTLink TRANSMITTER
Q0–7, SC/D
Q0–7, SC/D
D0–8


Similar Part No. - CY7B933

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B933 CYPRESS-CY7B933 Datasheet
629Kb / 35P
   HOTLink??Transmitter/Receiver
CY7B933-155JC CYPRESS-CY7B933-155JC Datasheet
629Kb / 35P
   HOTLink??Transmitter/Receiver
CY7B933-155JI CYPRESS-CY7B933-155JI Datasheet
629Kb / 35P
   HOTLink??Transmitter/Receiver
CY7B933-400JC CYPRESS-CY7B933-400JC Datasheet
629Kb / 35P
   HOTLink??Transmitter/Receiver
CY7B933-400JI CYPRESS-CY7B933-400JI Datasheet
629Kb / 35P
   HOTLink??Transmitter/Receiver
More results

Similar Description - CY7B933

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B923 CYPRESS-CY7B923 Datasheet
629Kb / 35P
   HOTLink??Transmitter/Receiver
CY7B9234 CYPRESS-CY7B9234 Datasheet
370Kb / 32P
   SMPTE HOTLink Transmitter/Receiver
CY7B9234 CYPRESS-CY7B9234_07 Datasheet
777Kb / 34P
   SMPTE HOTLink??Transmitter/Receiver
CYP15G0401TB CYPRESS-CYP15G0401TB Datasheet
286Kb / 30P
   Quad HOTLink II??Transmitter
CYP15G0401RB CYPRESS-CYP15G0401RB Datasheet
316Kb / 35P
   Quad HOTLink II??Receiver
CY24130 CYPRESS-CY24130 Datasheet
127Kb / 5P
   HOTLink SMPTE Receiver Training Clock
CY24130 CYPRESS-CY24130_08 Datasheet
214Kb / 6P
   HOTLink II??SMPTE Receiver Training Clock
logo
Epson Company
S1R77081F EPSON-S1R77081F Datasheet
161Kb / 2P
   RSDS Transmitter/Receiver
logo
STMicroelectronics
STB4395 STMICROELECTRONICS-STB4395 Datasheet
153Kb / 16P
   CT2 RECEIVER/TRANSMITTER
logo
rfsolutions.ltd
RF620T RFSOLUTIONS-RF620T Datasheet
132Kb / 7P
   SmartRadio Transmitter / Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com