Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2V9950ACT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2V9950ACT
Description  2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2V9950ACT Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY2V9950ACT Datasheet HTML 1Page - Cypress Semiconductor CY2V9950ACT Datasheet HTML 2Page - Cypress Semiconductor CY2V9950ACT Datasheet HTML 3Page - Cypress Semiconductor CY2V9950ACT Datasheet HTML 4Page - Cypress Semiconductor CY2V9950ACT Datasheet HTML 5Page - Cypress Semiconductor CY2V9950ACT Datasheet HTML 6Page - Cypress Semiconductor CY2V9950ACT Datasheet HTML 7Page - Cypress Semiconductor CY2V9950ACT Datasheet HTML 8Page - Cypress Semiconductor CY2V9950ACT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CY2V9950
Document #: 38-07436 Rev. *A
Page 7 of 9
AC Test Loads and Waveforms
Ordering Information
Part Number
Package Type
Product Flow
CY2V9950AC
32 TQFP
Commercial, 0
° to 70°C
CY2V9950ACT
32 TQFP – Tape and Reel
Commercial, 0
° to 70°C
CY2V9950AI
32 TQFP
Industrial, –40
° to 85°C
CY2V9950AIT
32 TQFP – Tape and Reel
Industrial, –40
° to 85°C
Output
20pF
Output
20pF
150Ω
150Ω
VDDQ
For Lock Output
For All Other Outputs
Figure 1.
2.0V
0.8V
VTH =1.5V
t
PWL
t
PWH
t
ORISE
t
OFALL
3.3V LVTTL OUTPUT WAVEFORM
2.5V LVTTL OUTPUT WAVEFORM
1.7V
0.7V
VTH =1.25V
t
PWL
t
PWH
t
ORISE
t
OFALL
Figure 2. LVTTL Output Test Waveforms
2.0V
0.8V
VTH=1.5V
≤1ns
≤ 1ns
3.0V
0V
3.3VLVTTLINPUTTESTWAVEFORM
1.7V
0.7V
VTH=1.25V
≤1ns
≤1ns
2.5V
0V
2.5VLVTTLINPUTTESTWAVEFORM
Figure 3. LVTTL Input Test Waveforms


Similar Part No. - CY2V9950ACT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2V995 CYPRESS-CY2V995 Datasheet
281Kb / 10P
   S2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V995AC CYPRESS-CY2V995AC Datasheet
281Kb / 10P
   S2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V995ACT CYPRESS-CY2V995ACT Datasheet
281Kb / 10P
   S2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V995AI CYPRESS-CY2V995AI Datasheet
281Kb / 10P
   S2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V995AIT CYPRESS-CY2V995AIT Datasheet
281Kb / 10P
   S2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
More results

Similar Description - CY2V9950ACT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
Z9960 CYPRESS-Z9960 Datasheet
253Kb / 7P
   2.5V/3.3V, 200 MHz Multi-Output Zero Delay Buffer
CY2V995 CYPRESS-CY2V995 Datasheet
281Kb / 10P
   S2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
Z9973 CYPRESS-Z9973 Datasheet
97Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9974 CYPRESS-Z9974 Datasheet
93Kb / 7P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_05 Datasheet
85Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
CY29976 CYPRESS-CY29976_08 Datasheet
279Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973 Datasheet
164Kb / 8P
   3.3V 125-MHz Multi-Output Zero Delay Buffer
Z9972 CYPRESS-Z9972 Datasheet
87Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973_08 Datasheet
254Kb / 9P
   3.3V 125-MHz Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972 Datasheet
70Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com