Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM622FT8BT-45S Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # EM622FT8BT-45S
Description  256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM622FT8BT-45S Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button EM622FT8BT-45S Datasheet HTML 2Page - List of Unclassifed Manufacturers EM622FT8BT-45S Datasheet HTML 3Page - List of Unclassifed Manufacturers EM622FT8BT-45S Datasheet HTML 4Page - List of Unclassifed Manufacturers EM622FT8BT-45S Datasheet HTML 5Page - List of Unclassifed Manufacturers EM622FT8BT-45S Datasheet HTML 6Page - List of Unclassifed Manufacturers EM622FT8BT-45S Datasheet HTML 7Page - List of Unclassifed Manufacturers EM622FT8BT-45S Datasheet HTML 8Page - List of Unclassifed Manufacturers EM622FT8BT-45S Datasheet HTML 9Page - List of Unclassifed Manufacturers EM622FT8BT-45S Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
EM620FV8B Series
Low Power, 256Kx8 SRAM
6
AC OPERATING CONDITIONS
Test Conditions (Test Load and Test Input/Output Reference)
Input Pulse Level : 0.4 to 2.2V
Input Rise and Fall Time : 5ns
Input and Output reference Voltage : 1.5V
Output Load (See right) : CL1) = 100pF + 1 TTL
CL1) = 30pF + 1 TTL (only 45ns part)
1. Including scope and Jig capacitance
2. R1=3070 ohm,
R2=3150 ohm
3. VTM=2.8V
CL1)
VTM3)
R12)
R22)
Parameter
Symbol
45ns
55ns
70ns
Unit
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
45
-
55
-
70
-
ns
Address access time
tAA
-
45
-
55
-
70
ns
Chip select to output
tCO1, tCO2
-
45
-
55
-
70
ns
Output enable to valid output
tOE
-
25
-
25
-
35
ns
Chip select to low-Z output
tLZ1, tLZ2
10
-
10
-
10
-
ns
Output enable to low-Z output
tOLZ
5
-
5
-
5
-
ns
Chip disable to high-Z output
tHZ1, tHZ2
0
20
0
20
0
25
ns
Output disable to high-Z output
tOHZ
0
15
0
20
0
25
ns
Output hold from address change
tOH
10
-
10
-
10
-
ns
Parameter
Symbol
45ns
55ns
70ns
Unit
Min
Max
Min
Max
Min
Max
Write cycle time
tWC
45
-
55
-
70
-
ns
Chip select to end of write
tCW1, tCW2
45
-
45
-
60
-
ns
Address setup time
tAS
0
-
0
-
0
-
ns
Address valid to end of write
tAW
45
-
45
-
60
-
ns
Write pulse width
tWP
35
-
40
-
50
-
ns
Write recovery time
tWR
0
-
0
-
0
-
ns
Write to ouput high-Z
tWHZ
0
15
0
20
0
20
ns
Data to write time overlap
tDW
25
25
30
ns
Data hold from write time
tDH
0
-
0
-
0
-
ns
End write to output low-Z
tOW
5
-
5
-
5
-
ns
READ CYCLE (Vcc = 2.7V to 3.6V, Gnd = 0V, TA = -40oC to +85oC)
WRITE CYCLE (Vcc = 2.7V to 3.6V, Gnd = 0V, TA = -40oC to +85oC)


Similar Part No. - EM622FT8BT-45S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM622FT8AS-45LL ETC2-EM622FT8AS-45LL Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM622FT8AS-45S ETC2-EM622FT8AS-45S Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM622FT8AS-70LL ETC2-EM622FT8AS-70LL Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM622FT8AS-70S ETC2-EM622FT8AS-70S Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM622FT8AU-45LL ETC2-EM622FT8AU-45LL Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM622FT8BT-45S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8BS EMLSI-EM620FU8BS Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BT EMLSI-EM620FV8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV8BS ETC2-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU8BT EMLSI-EM620FU8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AS EMLSI-EM620FV8AS Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FU8 EMLSI-EM620FU8 Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com