Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2SSTV8575AC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2SSTV8575AC
Description  Differential Clock Buffer/Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2SSTV8575AC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2SSTV8575AC Datasheet HTML 1Page - Cypress Semiconductor CY2SSTV8575AC Datasheet HTML 2Page - Cypress Semiconductor CY2SSTV8575AC Datasheet HTML 3Page - Cypress Semiconductor CY2SSTV8575AC Datasheet HTML 4Page - Cypress Semiconductor CY2SSTV8575AC Datasheet HTML 5Page - Cypress Semiconductor CY2SSTV8575AC Datasheet HTML 6Page - Cypress Semiconductor CY2SSTV8575AC Datasheet HTML 7Page - Cypress Semiconductor CY2SSTV8575AC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CY2SSTV8575
Document #: 38-07458 Rev. **
Page 4 of 8
Figure 2. Clock Structure 2[2]
Figure 3. Differential Signal Using Direct Termination Resistor
Governing Agencies
The following agencies provide specifications that apply to the CY2SSTV8575. The agency name and relevant specification is
listed below;
Agency Name
Specification
JEDEC
MS - 026-C
Note:
2.
Output load capacitance for 4 DDR-SDRAM loads: 10 pF < CL < 16 pF.
DDR-SDRAM
PLL
FBIN
FBIN#
120 Ohm
120 Ohm
CLK
CLK#
DDR-SDRAM
Stack
DDR-SDRAM
Stack
120 Ohm
VTR
VCP
0.3"
= 2.5"
= 0.6" (Split to Terminator)
DDR-SDRAM represents
a capacitive load
FBOUT#
FBOUT
DDR-SDRAM
DDR-SDRAM
DDR-SDRAM
Yx#
Yx
60 O hm
Receiver
VCP
VT R
R
T = 120 O h m
VDD
OUT
OU T #
VDD
60 O hm
14 pF
14 pF
V DD/2
VD D/2


Similar Part No. - CY2SSTV8575AC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2SSTV8575AC SPECTRALINEAR-CY2SSTV8575AC Datasheet
134Kb / 7P
   Differential Clock Buffer/Driver
CY2SSTV8575ACT SPECTRALINEAR-CY2SSTV8575ACT Datasheet
134Kb / 7P
   Differential Clock Buffer/Driver
More results

Similar Description - CY2SSTV8575AC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28351 SPECTRALINEAR-CY28351 Datasheet
145Kb / 7P
   Differential Clock Buffer/Driver
logo
Silicon Laboratories
CY28353-2 SILABS-CY28353-2 Datasheet
111Kb / 9P
   Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY2SSTV855 CYPRESS-CY2SSTV855 Datasheet
162Kb / 7P
   Differential Clock Buffer/Driver
logo
SpectraLinear Inc
CY2SSTV855 SPECTRALINEAR-CY2SSTV855 Datasheet
93Kb / 6P
   Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY2SSTV850 CYPRESS-CY2SSTV850 Datasheet
115Kb / 11P
   Differential Clock Buffer/Driver
CY2SSTV855 CYPRESS-CY2SSTV855_06 Datasheet
133Kb / 7P
   Differential Clock Buffer/Driver
logo
SpectraLinear Inc
CY2SSTV8575 SPECTRALINEAR-CY2SSTV8575 Datasheet
134Kb / 7P
   Differential Clock Buffer/Driver
logo
Silicon Laboratories
CY2SSTV855 SILABS-CY2SSTV855 Datasheet
78Kb / 6P
   Differential Clock Buffer/Driver
logo
SpectraLinear Inc
CY28358 SPECTRALINEAR-CY28358 Datasheet
135Kb / 10P
   200-MHz Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY28358 CYPRESS-CY28358 Datasheet
76Kb / 11P
   200-MHz Differential Clock Buffer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com