Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


R-11-075-P-NSC-GR Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. R-11-075-P-NSC-GR
Description  InGaAs PIN Photodiode Modules
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 3 page
background image
3
InGaAs PIN Photodiode Modules
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS538-SEP2807
rev. A.1
LUMINENTOIC.COM
R-11-055-X-XXX-X-XX
Packaging Dimension
Units in mm.
" - "
"O":Horizonal (Omega Housing)
" ":Flangeless
SC:SC/PC
ST:ST/PC
FC:FC/PC
Connector Type
Flange Type
Part Number : R-11-055-P-XXX-X-XX
PIN TIA Receiver Module-Pigtail




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PD-1300InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH GI-50 MULTI-MODE PIGTAIL 1 2 Optoway Technology Inc
PD-1310InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL 1 2 Optoway Technology Inc
PD-1500InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE 1 2 Optoway Technology Inc
G9230-01_04InGaAs PIN photodiode 1 2 Hamamatsu Corporation
PD-1170InGaAs PIN PHOTODIODE 3 mm InGaAs PIN Photdiode with TO-5 Package 1 2 Optoway Technology Inc
G67150InGaAs PIN photodiode array 1 2 Hamamatsu Corporation
G9906-01InGaAs PIN photodiode 1 2 Hamamatsu Corporation
OD125InGaAs PIN Photodiode for Optical Communications 1 2 3 OKI electronic componets
G8370-81InGaAs PIN photodiode 1 2 3 Hamamatsu Corporation
G10342-14InGaAs PIN photodiode with preamp 1 2 Hamamatsu Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl