Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2SSTU877BVXI-32 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY2SSTU877BVXI-32
Description  1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2SSTU877BVXI-32 Datasheet(HTML) 9 Page - Cypress Semiconductor

  CY2SSTU877BVXI-32 Datasheet HTML 1Page - Cypress Semiconductor CY2SSTU877BVXI-32 Datasheet HTML 2Page - Cypress Semiconductor CY2SSTU877BVXI-32 Datasheet HTML 3Page - Cypress Semiconductor CY2SSTU877BVXI-32 Datasheet HTML 4Page - Cypress Semiconductor CY2SSTU877BVXI-32 Datasheet HTML 5Page - Cypress Semiconductor CY2SSTU877BVXI-32 Datasheet HTML 6Page - Cypress Semiconductor CY2SSTU877BVXI-32 Datasheet HTML 7Page - Cypress Semiconductor CY2SSTU877BVXI-32 Datasheet HTML 8Page - Cypress Semiconductor CY2SSTU877BVXI-32 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
PRELIMINARY
CY2SSTU877
Document #: 38-07575 Rev. *E
Page 9 of 9
Document History Page
Document Title:CY2SSTU877 1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
Document Number: 38-07575
Rev.
ECN No.
Issue Date
Orig. of
Change
Description of Change
**
129198
08/22/03
RGL
New Data Sheet
*A
204389
See ECN
RGL
Added more Information. Deleted 4 rows from the bottom of the Pin
description.
*B
310414
See ECN
RGL
Changed Advance Info. to Preliminary status
Added Lead-free devices
*C
324113
See ECN
RGL
Data sheet re-write
*D
404547
See ECN
RGL
Added speed bins to part number
*E
424024
See ECN
RGL
Swap pins 6G and 6H


Similar Part No. - CY2SSTU877BVXI-32

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2SSTU877BVXI-32 SPECTRALINEAR-CY2SSTU877BVXI-32 Datasheet
135Kb / 8P
   1.8V, 500MHz 10-Output JEDEC-Compliant Zero Delay Buffer
CY2SSTU877BVXI-32T SPECTRALINEAR-CY2SSTU877BVXI-32T Datasheet
135Kb / 8P
   1.8V, 500MHz 10-Output JEDEC-Compliant Zero Delay Buffer
More results

Similar Description - CY2SSTU877BVXI-32

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2SSTU877 CYPRESS-CY2SSTU877 Datasheet
217Kb / 9P
   1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
logo
SpectraLinear Inc
CY2SSTU877 SPECTRALINEAR-CY2SSTU877 Datasheet
135Kb / 8P
   1.8V, 500MHz 10-Output JEDEC-Compliant Zero Delay Buffer
logo
Cypress Semiconductor
CY23020-3 CYPRESS-CY23020-3 Datasheet
112Kb / 9P
   10-output, 400-MHz LVPECL Zero Delay Buffer
CY23FS08-04 CYPRESS-CY23FS08-04 Datasheet
315Kb / 11P
   FailSafe??1.8V Zero Delay Buffer
CY23020-1 CYPRESS-CY23020-1 Datasheet
121Kb / 10P
   20-output, 200-MHz Zero Delay Buffer
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
Z9973 CYPRESS-Z9973 Datasheet
97Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9974 CYPRESS-Z9974 Datasheet
93Kb / 7P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29653 CYPRESS-CY29653 Datasheet
197Kb / 7P
   3.3V 125-MHz 8-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_05 Datasheet
85Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com