Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2PP326AI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2PP326AI
Description  2 x 2 Clock and Data Switch Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2PP326AI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2PP326AI Datasheet HTML 1Page - Cypress Semiconductor CY2PP326AI Datasheet HTML 2Page - Cypress Semiconductor CY2PP326AI Datasheet HTML 3Page - Cypress Semiconductor CY2PP326AI Datasheet HTML 4Page - Cypress Semiconductor CY2PP326AI Datasheet HTML 5Page - Cypress Semiconductor CY2PP326AI Datasheet HTML 6Page - Cypress Semiconductor CY2PP326AI Datasheet HTML 7Page - Cypress Semiconductor CY2PP326AI Datasheet HTML 8Page - Cypress Semiconductor CY2PP326AI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FastEdge™ Series
CY2PP326
Document #: 38-07506 Rev.*D
Page 4 of 9
Notes:
10. 50% duty cycle; standard load; differential operation
11. For 3.3V supplies. Jitter measured differentially using an Agilent 8133A Pulse Generator with an 8500A LeCroy Wavemaster Oscilloscope using at least 10,000
data points
12. Output pulse skew is the absolute difference of the propagation delay times: | tPLH – tPHL |.
ECL DC Electrical Specifications
Parameter
Description
Condition
Min.
Max.
Unit
VEE
Negative Power Supply
–2.5V ± 5%, VCC = 0.0V
–3.3V ± 5%, VCC = 0.0V
–2.625
–3.465
–2.375
–3.135
V
VCMR
Differential cross point voltage[7]
Differential operation
VEE + 1.2
0V
V
VOH
Output High Voltage
IOH = –30 mA[8]
–1.25
–0.7
V
VOL
Output Low Voltage
VEE = –3.3V ± 5%
VEE = –2.5V ± 5%
IOL = –5 mA[8]
–1.995
–1.995
–1.5
–1.3
V
VIH
Input Voltage, High
Single-ended operation
–1.165
–0.880 [9]
V
VIL
Input Voltage, Low
Single-ended operation
–1.945 [9]
–1.625
V
AC Electrical Specifications
Parameter
Description
Condition
Min.
Max.
Unit
VPP
Differential Input Voltage[7]
Differential operation
0.1
1.3
V
FCLK
Input Frequency
50% duty cycle Standard load
1.5
GHz
TPD
Propagation Delay CLKA or CLKB to
Output pair
< 1 GHz [10]
1200
ps
Vo
Output Voltage (peak-to-peak; see Fig-
ure 2)
< 1 GHz
0.375
V
VCMRO
Output Common Voltage Range (typ.)
VCC – 1.425
V
tsk(0)
Output-to-output Skew
660 MHz [10], See Figure 3
50
ps
tsk(PP)
Part-to-Part Output Skew
660 MHz [10]
–250
ps
TPER
Output Period Jitter (rms)[11]
660 MHz [10]
–2.8
ps
tsk(P)
Output Pulse Skew[12]
660 MHz [10], See Figure 3
75
ps
TR,TF
Output Rise/Fall Time (see Figure 2)
660 MHz 50% duty cycle
Differential 20% to 80%
0.08
0.3
ns
tPDL
Output disable time
T = CLK period
2.5T + TPD
3.5T + TPD
ns
tPLD
Output enable time
T = CLK period
3.0T + TPD
4.0T + TPD
ns
CL K 0 /0 #
Ba n k A
B ank B
CL K 0 /0 #
CL K 1 /1 #
CL K 1 /1 #
CL K 0 /0 #
Ba n k A
Ba n k B
Ba n k A
Ba n k B
SE L 0 /1
CL K 0 /0 #
CL K 1 /1 #
Ba n k B
Ba n k A
SE L 0 /1
SEL 0 /1
Ro u t e r O p t io n s
S p lit te r O p tio n s
SEL 0 /1
CL K 1 /1 #
Sw i t c h
S p lit t e r A
R e p eat er
S p l i tte r B
Figure 1. Channel Cross Point Switch/Mux Configurations


Similar Part No. - CY2PP326AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2PP3210 CYPRESS-CY2PP3210 Datasheet
275Kb / 9P
   Dual 1:5 Differential Clock / Data Fanout Buffer
CY2PP3210AI CYPRESS-CY2PP3210AI Datasheet
275Kb / 9P
   Dual 1:5 Differential Clock / Data Fanout Buffer
CY2PP3210AIT CYPRESS-CY2PP3210AIT Datasheet
275Kb / 9P
   Dual 1:5 Differential Clock / Data Fanout Buffer
CY2PP3220 CYPRESS-CY2PP3220 Datasheet
190Kb / 9P
   Dual 1:10 Differential Clock / Data Fanout Buffer
CY2PP3220AI CYPRESS-CY2PP3220AI Datasheet
190Kb / 9P
   Dual 1:10 Differential Clock / Data Fanout Buffer
More results

Similar Description - CY2PP326AI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L72M ONSEMI-NB7L72M_17 Datasheet
90Kb / 8P
   Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
January, 2017 ??Rev. 4
NB7V72M ONSEMI-NB7V72M Datasheet
161Kb / 8P
   1.8V / 2.5V Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
October, 2009 ??Rev. 1
NB4N840M ONSEMI-NB4N840M_14 Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch
August, 2014 ??Rev. 5
logo
Potato Semiconductor Co...
PO74HSTL314A POTATO-PO74HSTL314A Datasheet
587Kb / 7P
   3.3V 2:4 Differential Clock/Data Fanout Buffer
PO100HSTL11A POTATO-PO100HSTL11A Datasheet
553Kb / 6P
   1 to 2 Differential Clock/Data Fanout Buffer
logo
ON Semiconductor
NB4N840M ONSEMI-NB4N840M_07 Datasheet
99Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
March, 2007 ??Rev. 3
NB4N840M ONSEMI-NB4N840M Datasheet
104Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2006 ??Rev. 2
NB4N840MMNEVB ONSEMI-NB4N840MMNEVB Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2014 ??Rev. 5
logo
Cypress Semiconductor
CY2DP3110 CYPRESS-CY2DP3110 Datasheet
279Kb / 9P
   1 of 2:10 Differential Clock/Data Fanout Buffer
logo
Potato Semiconductor Co...
PO74HSTL314A POTATO-PO74HSTL314A_14 Datasheet
1Mb / 7P
   2.3V - 3.6V 2:4 Differential Clock/Data Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com