Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EXBV8V472JV Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EXBV8V472JV
Description  Chip Resistor Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EXBV8V472JV Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EXBV8V472JV_1 Datasheet HTML 1Page - Panasonic Semiconductor EXBV8V472JV_1 Datasheet HTML 2Page - Panasonic Semiconductor EXBV8V472JV_1 Datasheet HTML 3Page - Panasonic Semiconductor EXBV8V472JV_1 Datasheet HTML 4Page - Panasonic Semiconductor EXBV8V472JV_1 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5 minutes
1 minute maxium
maximum
Power: 20 W/L
Frequency: 10 kHz to 100 kHz
Chip Resistor Array
Cautions for Safety
1. Component Placement
A Take measure against mechanical stress during and after mounting so as not to damage the termination
and protective coating.
B Misplacement of components on the land pattern may cause solder bridge problem.
3. Cleaning
Recommendable cleaning method is shown below.
Solvents
Cleaning condition
Dipping
Ultrasonic wave washing
Isopropyl
Alcohol
4.
If transient load (heavy load in a short time) like pulse is expected to be applied, carry out evaluation and
confirmation test with the resistors actually mounted on your own board.
When the load of more than rated power is applied under the load condition at steady state, it may impair
performance and/or reliability of resistor. Never exceed the rated power.
5.
Chlorine type or other high-activity flux is not recommeded as the residue may affect performance or reliability
of resistors.
6.
When soldering with soldering iron, never touch the body of the chip resistor with a tip of the soldering iron.
When using a soldering iron with a tip at high temperature, solder for a time as short as possible (three
seconds or less up to 350 ¡C).
7.
Avoid physical shock to the resistor and nipping of the resistor with hard tool (a pair of pliers or tweezers) as
it may damage protective film or the body of resistor and may affect resistorÕs performance.
8.
Do not use the product in dewy atmospheres.
[
]
2. Soldering
Precaution and recommondations are described
below.
(a)Soldering iron
Keep the followings:
A Soldering iron tip shall not touch the protective
coating of the part.
B Solder as quick as possible (within 3 seconds)
when the temperature of the soldering iron tip is
over 280 ¡C.
(b)Reflow soldering
Recommendable reflow soldering is shown right.


Similar Part No. - EXBV8V472JV_1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EXBV8V472JV PANASONIC-EXBV8V472JV Datasheet
166Kb / 6P
   Chip Resistor Array
EXBV8V472JV PANASONIC-EXBV8V472JV Datasheet
1Mb / 8P
   Chip Resistors Array
1-Mar-20
EXBV8V472JV PANASONIC-EXBV8V472JV Datasheet
117Kb / 3P
   Chip Resistor Array
EXBV8V472JV PANASONIC-EXBV8V472JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXBV8V472JV PANASONIC-EXBV8V472JV Datasheet
117Kb / 3P
   Chip Resistor Array
More results

Similar Description - EXBV8V472JV_1

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
EXB28V NAIS-EXB28V Datasheet
105Kb / 10P
   Chip Resistor Array
logo
Panasonic Semiconductor
EXBV8V473JV PANASONIC-EXBV8V473JV Datasheet
117Kb / 3P
   Chip Resistor Array
logo
Bourns Electronic Solut...
CAY10 BOURNS-CAY10_08 Datasheet
394Kb / 3P
   Chip Resistor Array
CAY10 BOURNS-CAY10 Datasheet
228Kb / 1P
   Chip Resistor Array
logo
List of Unclassifed Man...
RA1632 ETC-RA1632 Datasheet
93Kb / 2P
   CHIP RESISTOR ARRAY
logo
Panasonic Semiconductor
EXB-28V470JX PANASONIC-EXB-28V470JX Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-38V152JV PANASONIC-EXB-38V152JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-2HV151JV PANASONIC-EXB-2HV151JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB14V PANASONIC-EXB14V_10 Datasheet
117Kb / 3P
   Chip Resistor Array
EXB-38V183JV PANASONIC-EXB-38V183JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-V8V330JV PANASONIC-EXB-V8V330JV Datasheet
109Kb / 3P
   Chip Resistor Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com